Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1101ISW Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1101ISW
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101ISW Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1101ISW Datasheet HTML 1Page - Linear Integrated Systems LT1101ISW Datasheet HTML 2Page - Linear Integrated Systems LT1101ISW Datasheet HTML 3Page - Linear Integrated Systems LT1101ISW Datasheet HTML 4Page - Linear Integrated Systems LT1101ISW Datasheet HTML 5Page - Linear Integrated Systems LT1101ISW Datasheet HTML 6Page - Linear Integrated Systems LT1101ISW Datasheet HTML 7Page - Linear Integrated Systems LT1101ISW Datasheet HTML 8Page - Linear Integrated Systems LT1101ISW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1101
1101fa
ABSOLUTE
AXI U
RATI GS
Supply Voltage ...................................................... ±22V
Differential Input Voltage ....................................... ±36V
Input Voltage ............... Equal to Positive Supply Voltage
..........10V Below Negative Supply Voltage
Output Short Circuit Duration .......................... Indefinite
(Note 1)
Operating Temperature Range
LT1101AM/LT1101M (OBSOLETE) ... – 55°C to 125°C
LT1101AI/LT1101I .............................. – 40°C to 85°C
LT1101AC/LT1101C ................................ 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1101AIN8
LT1101IN8
LT1101ACN8
LT1101CN8
LT1101SW
LT1101ISW
OBSOLETE PACKAGES
Consider the N8 as an Alternate Source
LT1101AMH
LT1101MH
LT1101ACH
LT1101CH
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
OUT
G = 10
REF
G = 10
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
GND (REF)
NC
–IN
NC
V –
NC
NC
NC
NC
V +
NC
OUTPUT
+IN
R
≈ 9.2k
90R
9R
90R
9R
RR
SW PACKAGE
16-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
TOP VIEW
V –
–IN
OUTPUT
OUT
G = 10
REF
G = 10
GROUND
(REF)
+IN
R
≈ 9.2k
90R
9R
90R
9R
RR
V +
TJMAX = 150°C, θJA = 130°C/W
TOP VIEW
OUT
G = 10
OUTPUT
REF
G = 10
+IN
90R
90R
R
R
9R
9R
V+
–IN
V(CASE)
GROUND
(REF)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
LT1101AMJ8
LT1101MJ8
LT1101ACJ8
LT1101CJ8
TJMAX = 150°C, θJA = 100°C/W
N PACKAGE 8-LEAD PDIP
J PACKAGE 8-LEAD CERDIP
ELECTRICAL CHARACTERISTICS
LT11O1AM/AI/AC
LT1101M/I/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, V0 = 0.1V to 3.5V, RL = 50k
0.010
0.050
0.011
0.075
%
G = 10, V0 = 0.1V to 3.5V, RL = 50k
0009
0.040
0.010
0.060
%
GNL
Gain Nonlinearity
G = 100, RL = 50k
20
60
20
75
ppm
G = 10, RL = 50k (Note 2)
3
7
3
8
ppm
VOS
Input Offset Voltage
50
160
60
220
µV
LT1101SW
250
600
µV
lOS
Input Offset Current
0.13
0.60
0.15
0.90
nA
IB
Input Bias Current
6
8
6
10
nA
IS
Supply Current
75
105
78
120
µA
VS = 5V, 0V, VCM = 0.1V, VREF(PIN 1) = 0.1V, G = 10 or 100, TA = 25°C, unless
otherwise noted. (Note 4)


Similar Part No. - LT1101ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101I LINER-LT1101I Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101IN8 LINER-LT1101IN8 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com