Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013DS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1013DS8
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013DS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1013DS8 Datasheet HTML 3Page - Linear Technology LT1013DS8 Datasheet HTML 4Page - Linear Technology LT1013DS8 Datasheet HTML 5Page - Linear Technology LT1013DS8 Datasheet HTML 6Page - Linear Technology LT1013DS8 Datasheet HTML 7Page - Linear Technology LT1013DS8 Datasheet HTML 8Page - Linear Technology LT1013DS8 Datasheet HTML 9Page - Linear Technology LT1013DS8 Datasheet HTML 10Page - Linear Technology LT1013DS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LT1013/LT1014
10134fc
INPUT BIAS CURRENT (nA)
0
5
4
3
2
1
0
–1
15
10
5
0
–5
–10
–15
–5
–10
–15
–20
–25
–30
TA = 25°C
VS = 5V, 0V
VS = ±15V
1013/14 TPC10
Input Bias Current vs
Common Mode Voltage
TEMPERATURE (
°C)
–50
–30
–25
–20
–15
–10
–5
0
25
75
–25
0
50
100
125
VCM = 0V
VS = 5V, 0V
VS = ±15V
VS = ±
2.5V
1013/14 TPC12
TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
–25
25
100
125
VCM = 0V
VS = 5V, 0V
VS =
±2.5V
VS = ±15V
1013/14 TPC11
Input Bias Current vs
Temperature
Large Signal Transient
Response, VS = ±15V
AV = +1
50
μs/DIV
1013/14 TPC15
Large Signal Transient
Response, VS = 5V, 0V
AV = +1
10
μs/DIV
1013/14 TPC18
NO LOAD
INPUT = 0V TO 4V PULSE
4V
2V
0V
Small Signal Transient
Response, VS = ±15V
AV = +1
2
μs/DIV
1013/14 TPC14
Large Signal Transient
Response, VS = 5V, 0V
AV = +1
10
μs/DIV
1013/14 TPC17
RL = 4.7k TO 5V
INPUT = 0V TO 4V PULSE
4V
2V
0V
Output Saturation vs Sink
Current vs Temperature
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
10
1
0.1
0.01
V+ = 5V TO 30V
V= 0V
ISINK = 10mA
ISINK = 5mA
ISINK = 1mA
ISINK = 100μA
ISINK = 10μA
ISINK = 0
1013/14 TPC13
AV = +1
20
μs/DIV
1013/14 TPC16
RL = 600Ω TO GROUND
INPUT = 0V TO 100mV PULSE
Small Signal Transient
Response, VS = 5V, 0V
100mV
50mV
0
Input Offset Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1013DS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013DS8 LINER-LT1013DS8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
logo
Linear Integrated Syste...
LT1013DS8 LINEAR-LT1013DS8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1013DS8 LINEAR-LT1013DS8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013DS8

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com