Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1115CN8 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1115CN8
Description  Ultralow Noise, Low Distortion, Audio Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1115CN8 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1115CN8 Datasheet HTML 4Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 5Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 6Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 7Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 8Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 9Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 10Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 11Page - Linear Integrated Systems LT1115CN8 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1115
8
1115fa
Therefore, to realize truly low noise performance it is
important to understand the interaction between voltage
noise (en), current noise (in) and resistor noise (rn).
Total Noise vs Source Resistance
The total input referred noise of an op amp is given by
et = [en2 + rn2 + (inReq)2]1/2
where Req is the total equivalent source resistance at
the two inputs
and rn = √4kTReq = 0.13√Req in nV/√Hz at 25°C
As a numerical example, consider the total noise at 1kHz
of the gain of 1000 amplifier shown below.
Req = 100Ω + 100Ω||100k ≈ 200Ω
rn = 0.13√200 = 1.84nV/√Hz
en = 0.85nV/√Hz
in = 1.0pA/√Hz
et = [0.852 + 1.842 + (1.0 x 2.0)2]1/2 = 2.04nV/√Hz
output noise = 1000 et = 2.04µV/√Hz
At very low source resistance (Req < 40Ω) voltage noise
dominates. As Req is increased resistor noise becomes the
largest term—as in the example above—and the LT1115’s
voltage noise becomes negligible. As Req is further
increased, current noise becomes important. At 1kHz,
when Req is in excess of 20kΩ, the current noise
component is larger than the resistor noise. The Total
Noise vs Matched Source Resistance plot in the Typical
Performance Characteristics section, illustrates the above
calculations.
+
100Ω
100k
100Ω
LT1115
LT1115 • AI01
The plot also shows that current noise is more dominant
at low frequencies, such as 10Hz. This is because resistor
noise is flat with frequency, while the 1/f corner of current
noise is typically at 250Hz. At 10Hz when Req > 1kΩ, the
current noise term will exceed the resistor noise.
When the source resistance is unmatched, the Total Noise
vs Unmatched Source Resistance plot should be con-
sulted. Note that total noise is lower at source resistances
below 1kΩ because the resistor noise contribution is less.
When Rs > 1kΩ total noise is not improved, however. This
is because bias current cancellation is used to reduce
input bias current. The cancellation circuitry injects two
correlated current noise components into the two inputs.
With matched source resistors the injected current noise
creates a common-mode voltage noise and gets rejected
by the amplifier. With source resistance in one input only,
the cancellation noise is added to the amplifier’s inherent
noise.
In summary, the LT1115 is the optimum amplifier for
noise performance—provided that the source resistance
is kept low. The following table depicts which op amp
manufactured by Linear Technology should be used to
minimize noise—as the source resistance is increased
beyond the LT1115’s level of usefulness.
Best Op Amp for Lowest Total Noise vs Source Resistance
Note 1: Source resistance is defined as matched or unmatched, e.g.,
RS = 1kΩ means: 1kΩ at each input, or 1kΩ at one input and zero at the
other.
SOURCE RESISTANCE
BEST OP AMP
(NOTE 1)
AT LOW FREQ (10Hz)
WIDEBAND (1kHz)
0 to 400Ω
LT1028/1115
LT1028/1115
400Ω to 4kΩ
LT1007/1037
LT1028/1115
4kΩ to 40kΩ
LT1001*
LT1007/1037
40kΩ to 500kΩ
LT1012*
LT1001*
500kΩ to 5MΩ
LT1012* or LT1055
LT1012*
> 5M
LT1055
LT1055
*These op amps are best utilized in applications requiring less bandwidth
than audio.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1115CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115CN8 LINER-LT1115CN8 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
More results

Similar Description - LT1115CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com