Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1101AIN8 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1101AIN8
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101AIN8 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1101AIN8 Datasheet HTML 1Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 2Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 3Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 4Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 5Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 6Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 7Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 8Page - Linear Integrated Systems LT1101AIN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1101
1101fa
ELECTRICAL CHARACTERISTICS
LT1101AM/AI
LT1101M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO
Maximum 0utput
RL = 50k
13.0
14.2
13.0
14.2
V
Voltage Swing
RL = 2k
11.0
13.2
11.0
13.2
V
BW
Bandwidth
G = 100 (Note 2)
2.3
3.5
2.3
3.5
kHz
G = 10 (Note 2)
25
37
25
37
kHz
SR
Slew Rate
0.06
0.10
0.06
0.10
V/µs
VS = ±15V, VCM = 0V, TA = 25°C, Gain = 10 or 100, unless otherwise noted.
LT1101AM/AI
LT1101M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, VO = ±10V, RL = 50k
0.024
0.070
0.026
0.100
%
G = 100, VO = ±10V, RL = 5k
0.030
0.100
0.035
0.130
%
G = 10, VO = ±10V, RL = 50k or 5k
0.015
0.070
0.018
0.100
%
TCGE
Gain Error Drift
G = 100, RL = 50k
2
4
2
5
ppm/°C
(Note 2)
G = 100, RL = 5k
2
7
2
8
ppm/°C
G = 10, RL = 50k or 5k
1
4
1
5
ppm/°C
GNL
Gain Nonlinearity
G = 100, RL = 50k
24
70
26
90
ppm
G = 100, RL = 5k
70
300
75
500
ppm
G = 10, RL = 50k
4
13
5
15
ppm
G = 10, RL = 5k
10
40
12
60
ppm
VOS
Input Offset Voltage
90
350
110
500
µV
LT1101ISW
110
950
µV
∆VOS/∆T Input Offset Voltage Drift
(Note 2)
0.4
2.0
0.5
2.8
µV/°C
LT1101ISW
0.5
4.8
mV/°C
lOS
Input Offset Current
0.16
0.80
0.19
1.30
nA
∆lOS/∆T
Input Offset Current Drift
(Note 2)
0.5
4.0
0.8
7.0
pA/°C
IB
Input Bias Current
7
10
7
12
nA
∆IB/∆T
Input Bias Current Drift
(Note 2)
10
25
10
30
pA/°C
CMRR
Common Mode
G = 100, VCM = –14.4V to 13V
96
111
94
111
dB
Rejection Ratio
G = 100, VCM = –13V to 11.5V
80
99
78
98
dB
PSRR
Power Supply
VS = 3.0, –0.1V to ±18V
98
110
94
110
dB
Rejection Ratio
IS
Supply Current
105
165
108
190
µA
VO
Maximum 0utput
RL = 50k
12.5
14.0
12.5
14.0
V
Voltage Swing
RL = 5k
11.0
13.5
11.0
13.5
V
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, Gain = 10 or 100, – 55°C ≤ TA ≤ 125°C for AM/M
grades, –40°C ≤ TA ≤ 85°C for AI/I grades, unless otherwise noted.


Similar Part No. - LT1101AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101AIN8 LINER-LT1101AIN8 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com