Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1101AMH Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1101AMH
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101AMH Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1101AMH Datasheet HTML 4Page - Linear Integrated Systems LT1101AMH Datasheet HTML 5Page - Linear Integrated Systems LT1101AMH Datasheet HTML 6Page - Linear Integrated Systems LT1101AMH Datasheet HTML 7Page - Linear Integrated Systems LT1101AMH Datasheet HTML 8Page - Linear Integrated Systems LT1101AMH Datasheet HTML 9Page - Linear Integrated Systems LT1101AMH Datasheet HTML 10Page - Linear Integrated Systems LT1101AMH Datasheet HTML 11Page - Linear Integrated Systems LT1101AMH Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1101
1101fa
TYPICAL PERFOR A CE CHARACTERISTICS
Gain = 100 Nonlinearity
Distribution
GAIN NONLINEARITY (PPM)
0
0
5
15
20
25
4
8
10
18
10
26
12
14
16
30
LT1101 • TPC01
VS = ± 15V
TA = 25°C
RL ≥ 50kΩ
708 UNITS
TESTED IN
ALL PACKAGES
Gain = 10 Nonlinearity
Distribution
GAIN NONLINEARITY (PPM)
0
30
40
50
8
20
10
0
2
4
6
10
LT1101 • TPC02
VS = ± 15V
TA = 25°C
RL ≥ 2kΩ
708 UNITS
TESTED IN
ALL PACKAGES
LT1101 • TPC03
FREQUENCY (Hz)
–0.5
0
–1.0
0
10
1k
10k
1M
40
30
20
10
–1.0
100
100k
–0.5
–1.5
–1.5
VS = ± 15V
TA = 25°C
G = 100
G = 10
Gain vs Frequency
Gain Error Over Temperature
INPUT OFFSET VOLTAGE (µV)
–200
0
0
10
20
100
–100
200
30
LT1101 • TPC06
TA = 25°C
746 UNITS MEASURED IN ALL PACKAGES
EACH UNIT MEASURED AT VS = 15V,
0V AND AT VS = ±15V
Input Offset Voltage Distribution
Gain Nonlinearity Temperature
Input Bias and Offset Currents vs
Temperature
TEMPERATURE (°C)
–50
–7
–5
200
0
50
75
–6
150
100
–25
25
100
125
LT1101 • TPC08
VS = 5V, 0V TO ±15V
IOS
IB
Supply Current vs Temperature
TEMPERATURE (°C)
–50
90
100
110
25
75
80
70
–25
0
50
100
125
60
50
LT1101 • TPC07
VS = 5V, 0V
VS = ±15V
COMMON MODE VOLTAGE (V)
–1
–12
–10
–8
–6
–4
–2
0
012
3
4
LT1101 • TPC09
TA = –55°C
TA = 125°C
VS = 5V, 0V
TA = 25°C
Input Bias Current vs
Common Mode Voltage
1
6
5
TEMPERATURE (°C)
–50
–25
0
0.02
0.05
0
50
75
0.01
0.04
0.03
25
100
125
LT1101 • TPC04
2
1
3
6
5
7
4
4
7
G = 100, VS = ± 15V, RL = 2k
G = 10, VS = ± 15V, RL = 2k
G = 100, VS = ± 15V, RL = 5k
G = 100, VS = 5V, 0V, RL = 50k
G = 100, VS = ± 15V, RL = 50k
G = 10, VS = ± 15V, RL = 5k
G = 10, VS = ± 15V or 5V, 0V,
RL = 50k
3
2
SEE GAIN VS T
FOR DEFINITIONS
TEMPERATURE (°C)
–50
40
50
60
25
75
30
20
–25
0
50
100
125
10
0
LT1101 • TPC05
2
1
6
5
4
7
3


Similar Part No. - LT1101AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101AMH LINER-LT1101AMH Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com