Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1082CQ Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1082CQ
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1082CQ Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1082CQ Datasheet HTML 1Page - Linear Integrated Systems LT1082CQ Datasheet HTML 2Page - Linear Integrated Systems LT1082CQ Datasheet HTML 3Page - Linear Integrated Systems LT1082CQ Datasheet HTML 4Page - Linear Integrated Systems LT1082CQ Datasheet HTML 5Page - Linear Integrated Systems LT1082CQ Datasheet HTML 6Page - Linear Integrated Systems LT1082CQ Datasheet HTML 7Page - Linear Integrated Systems LT1082CQ Datasheet HTML 8Page - Linear Integrated Systems LT1082CQ Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1082
sn1082 1082fas
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.6V
4.5
7.0
mA
Control Pin Threshold
Duty Cycle = 0
0.7
0.9
1.1
V
q
0.5
1.25
V
Normal/Flyback Threshold
0.58
0.67
0.8
V
on Feedback Pin
f
Switching Frequency
50
60
70
kHz
q
45
75
kHz
800
µA ≥ IFB ≥ 450µA
12
kHz
BV
Output Switch Breakdown Voltage
3V
≤ VIN ≤ VMAX, ISW = 1.5mA
q
100
115
V
Control Voltage to Switch
1.5
A/V
Current Transconductance
VFB
Flyback Reference Voltage
IFB = 60µA
17
18.6
20.5
V
q
16
21.5
V
Change in Flyback Reference Voltage
60
µA ≤ IFB ≤ 200µA
3.5
4.6
6.5
V
Flyback Reference Voltage Line Regulation
IFB = 60µA, 3V ≤ VIN ≤ VMAX
0.01
0.03
%/V
Flyback Amplifier Transconductance (gm)
∆IC = ±10µA
150
300
500
µmho
Flyback Amplifier Source
VC = 0.6V Source
q
15
32
70
µA
and Sink Current
IFB = 60µA Sink
q
30
50
90
µA
VSAT
Output Switch “On” Resistance (Note 2)
ISW = 0.7A (LT1082C), ISW = 0.5A (LT1082M)
q
0.8
1.2
ILIM
Switch Current Limit
Duty Cycle = 20%
q
1.07
2.6
A
(LT1082C)
Duty Cycle
≤ 50%
q
1.0
2.6
A
Duty Cycle = 80% (Note 3)
q
0.8
2.4
A
Switch Current Limit
Duty Cycle = 20%
q
0.85
2.8
A
(LT1082I)
Duty Cycle
≤ 50%
q
0.8
2.8
A
Duty Cycle = 80% (Note 3)
q
0.65
2.6
A
Switch Current Limit
Duty Cycle = 20%
q
0.75
3.0
A
(LT1082M)
Duty Cycle
≤ 50%
q
0.7
3.0
A
Duty Cycle = 80% (Note 3)
q
0.6
2.8
A
∆IIN
Supply Current Increase
35
45
mA/A
∆ISW
During Switch-On Time
DCMAX
Maximum Switch Duty Cycle
85
92
97
%
Flyback Sense Delay Time
1.5
µs
Shutdown Mode Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.05V
120
350
µA
Shutdown Mode
3V
≤ VIN ≤ VMAX
70
150
250
mV
Threshold Voltage
q
50
300
mV
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Measured with VC in hi clamp, VFB = 0.8V.
Note 3: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current decreases linearly.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise
specified.


Similar Part No. - LT1082CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082CQ LINER-LT1082CQ Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082 LINER-LT1082 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com