Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013CH Datasheet(PDF) 8 Page - Linear Technology

Part # LT1013CH
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013CH Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1013CH Datasheet HTML 4Page - Linear Technology LT1013CH Datasheet HTML 5Page - Linear Technology LT1013CH Datasheet HTML 6Page - Linear Technology LT1013CH Datasheet HTML 7Page - Linear Technology LT1013CH Datasheet HTML 8Page - Linear Technology LT1013CH Datasheet HTML 9Page - Linear Technology LT1013CH Datasheet HTML 10Page - Linear Technology LT1013CH Datasheet HTML 11Page - Linear Technology LT1013CH Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LT1013/LT1014
10134fc
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01 0.1
1M 10M
110 100 1k
10k 100k
140
120
100
80
60
40
20
0
–20
VS = ±15V
VS = 5V, 0V
TA = 25°C
CL = 100pF
1013/14 TPC21
LOAD RESISTANCE TO GROUND (
Ω)
100
100k
1M
10M
1k
10k
VO = 20mV TO 3.5V
WITH VS = 5V, 0V
TA = 25°C, VS = ±15V
TA = –55°C, VS = ±15V
TA = 125°C, VS = ±15V
TA = –55°C, VS = 5V, 0V
TA = 25°C, VS = 5V, 0V
TA = 125°C, VS = 5V, 0V
VO = ±10V WITH VS = ±15V
1013/14 TPC20
Output Short-Circuit Current
vs Time
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
12
40
30
20
10
0
–10
–20
–30
–40
3
–55
°C
25
°C
25
°C
125
°C
125
°C
–55
°C
VS = ±15V
1013/14 TPC19
Voltage Gain vs Load
Resistance
Single Supply Operation
The LT1013/LT1014 are fully specified for single supply
operation, i.e., when the negative supply is 0V. Input
common mode range includes ground; the output swings
within a few millivolts of ground. Single supply operation,
however, can create special difficulties, both at the input
and at the output. The LT1013/LT1014 have specific
circuitry which addresses these problems.
At the input, the driving signal can fall below 0V— inad-
vertently or on a transient basis. If the input is more than
a few hundred millivolts below ground, two distinct prob-
lems can occur on previous single supply designs, such as
the LM124, LM158, OP-20, OP-21, OP-220, OP-221,
OP-420:
a) When the input is more than a diode drop below ground,
unlimited current will flow from the substrate (V termi-
nal) to the input. This can destroy the unit. On the LT1013/
LT1014, the 400
Ω resistors, in series with the input (see
Schematic Diagram), protect the devices even when the
input is 5V below ground.
Gain, Phase vs Frequency
FREQUENCY (MHz)
0.1
0.3
20
10
0
–10
80
100
120
140
160
180
200
13
10
TA = 25°C
VCM = 0V
CL = 100pF
PHASE
±15V
5V, 0V
±15V
5V, 0V
GAIN
1013/14 TPC22
Channel Separation vs
Frequency
FREQUENCY (Hz)
10
160
140
120
100
80
60
100k
100
1k
10k
1M
LIMITED BY
THERMAL
INTERACTION
RS = 1kΩ
RS = 100Ω
VS = ±15V
TA = 25°C
VIN = 20Vp-p to 5kHz
RL = 2k
LIMITED BY
PIN TO PIN
CAPACITANCE
1013/14 TPC23
APPLICATIO S I FOR ATIO
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1013CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013CH LINER-LT1013CH Datasheet
545Kb / 20P
   Quad Precision Op Amp
logo
Linear Integrated Syste...
LT1013CH LINEAR-LT1013CH Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1013CH LINEAR-LT1013CH Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013CH

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com