Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML5443G Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # EML5443G
Description  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EML5443G Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  EML5443G Datasheet HTML 1Page - Connor-Winfield Corporation EML5443G Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
Ec233
06/02/06
02
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
EML5443G is a fixed frequency
surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and tight
Frequency stability. Operating
at 3.3V supply voltage, the
EML5443G provides LVPECL
compatible outputs.
1
2
EML5443G
- 155.52MHz
LVPECL
SERIES
CENTER
FREQUENCY
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
±20ppm
TEMPERATURE RANGE:
0 to 70°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G
ORDERING INFORMATION
FEATURES
DESCRIPTION
ABSOLU TE MAX IMUM R ATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
(Vcc)
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
35
-
200
MHz
Total Frequency Tolerance
-20
-
20
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
70
mA
Period Jitter (BW=10Hz to 20MHz)
-
3
5
ps rms
Period Jitter (BW=12kHz to 20MHz)
-
0.5
1
ps rms
Allan Variance (1 Second)
-
-
1.00 E-9
2
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-115
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-140
-
dBc/Hz
Start Up Time
-
-
10
ms
LVPECL OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
450
ps
Notes
1)
Includes calibration, stability vs. temperature, supply and load variations, shock, vibration and aging (10 years).
2)
Measured at 1 second gate with 10 samples after 2 hours minimum warm up.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of signal amplitude.
PACKAG E CHARACTERISTICS
TABLE 4.0
Package
Hermetically sealed, ceramic package with gold plated J leads.
1
2
3
4


Similar Part No. - EML5443G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5443 CONNOR-WINFIELD-EML5443 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5443-155.52M CONNOR-WINFIELD-EML5443-155.52M Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
More results

Similar Description - EML5443G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com