Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3851E123252BL Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3851E123252BL
Description  Diameter Panel Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3851E123252BL Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3851E123252BL Datasheet HTML 1Page - Bourns Electronic Solutions 3851E123252BL Datasheet HTML 2Page - Bourns Electronic Solutions 3851E123252BL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SHAFT TYPE
AVAILABLE ONLY IN
(FMS) & DIAMETER
MODELS
BUSHINGS
12 3/8 ” (9.53 mm) L X 1/8 ” (3.18 mm) D
3851, 3852
C
16 1/2 ” (12.7 mm) L x 1/4 ” (6.35 mm) D
3851, 3852
A
16 1/2 ” (12.7 mm) L x 1/8 ” (3.18 mm) D
3851, 3852
C, E
20 5/8 ” (15.88 mm) L X 1/4 ” (6.35 mm) D
3851, 3852
A, B
28 7/8 ” (22.20 mm) L X 1/4 ” (6.35 mm) D
3851, 3852
A, B
3856
A
3851, 3852
C, E
28 7/8 ” (22.20 mm) L X 1/8 ” (3.18 mm) D
3856
H
BUSHING
APPLICABLE MODELS
A Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
3851, 3852, 3856
B
Locking 3/8 ” (9.53 mm) D x 1/2 ” (12.7 mm) L
3851, 3852
C Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
3851, 3852
E
Locking 1/4 ” (6.35 mm) D x 1/2 ” (12.7 mm) L
3851, 3852
H
Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
3856 (3.18 mm D Shaft)
Consult factory for lengths not shown.
MODEL
3851 3/4 ” (19.05 mm) D Single-Turn C.P.
3852 3/4 ” (19.05 mm) D Single-Turn Cermet
3856 3/4 ” (19.05 mm) D 3-3/4-Turn Cermet
TERMINAL STYLE AND
SHAFT TYPE
1
Solder Lugs, Plain End
2
Solder Lugs, Slotted End
3
Solder Lugs, Flatted Shaft
5
PC Pins, Plain End
6
PC Pins, Slotted End
7
PC Pins, Flatted Shaft
ELEMENT
APPLICABLE MODELS
TAPER/TOLERANCE
A
Linear ±10 %
3852, 3856
B
Linear ±20 %
3851
C
Audio CW ±10 %
3852, 3856
D
Audio CW ±20 %
3851
E
Linear ±10 %
3851
F
Audio CCW ±10 %
3852, 3856
G
Audio CCW ±20 %
3851
H
Linear ±5 %
3852, 3856
RESISTANCE
CODE/VALUE
(IN OHMS)
Model 3851
(102)
1 K
(252)
2.5 K
(502)
5 K
(103)
10 K
(253)
25 K
(503)
50 K
(104)
100 K
(254)
250 K
(504)
500 K
(105)
1 M
Models 3852/3856
(101)
100
(251)
250
(501)
500
(102)
1 K
(252)
2.5 K
(502)
5 K
(103)
10 K
(253)
25 K
(503)
50 K
(104)
100 K
(254)
250 K
(504)
500 K
(105)
1 M
How To Order
3851/3852/3856 - 3/4 ” Diameter Panel Control
Boldface features are Bourns standard
options. All others are available with higher
minimum order quantities.
REV. 10/08
3852
A
-
28
2
-
103
A
L
RoHS IDENTIFIER
L
Compliant
Blank Non-Compliant


Similar Part No. - 3851E123252BL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3851E-121-102AL BOURNS-3851E-121-102AL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851E-121-102BL BOURNS-3851E-121-102BL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851E-121-102CL BOURNS-3851E-121-102CL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851E-121-102DL BOURNS-3851E-121-102DL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851E-121-103AL BOURNS-3851E-121-103AL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
More results

Similar Description - 3851E123252BL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
   Diameter Panel Control
3851 BOURNS-3851 Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
   3851/3852/3856 – 3/4 ˝ Diameter Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_09 Datasheet
237Kb / 3P
   3851/3852/3856 - 3/4 Diameter Panel Control
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com