Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS1230F-01-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TSS1230F-01-LFR
Description  CCFL Inverter Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TSS1230F-01-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  TSS1230F-01-LFR Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CCFL Inverter Transformer: P/N TSS1230F-01 Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
CCFL Inverter Transformer—TSS1230F-01
A. Specification:
Part No.
Mark
Suitable Frequency
Max. Open Voltage Max. Lamp Watt.
Efficiency
TSS1230F-01
TSS1230F-01
90KHz~140KHz
750 V rms.
1.2W
75%
B. Schematics and Mechanical dimensions: (Unit: mm)
1
2
3
4
9
8
5
C. Electrical Data:
D. Insulation:
E. Features:
F. Uses:
Low profile height: Maximum 3.0mm.
• Black Light power supplies transformer available.
Drum / Ring type: Ferrite core (Ni – Zn).
• FL Inverter.
High efficiency.
• PDA Inverter.
Surface mount.
Suitable for standard IR re-flows soldering.
G. Applicant Circuit:
TR1
TR2
R1
R2
D1
C1
C2
T1
C3
+
-
L1
OUTPUT
1
2
3
4
9
8
5
WORKINGVOLTAGE:
4.5~6VDC
+
-
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
Winding
Start
Finish
L (@ 100KHz,1.0V
DCR
Ω (@25°C)
N1
8
5
60.0 mH
± 15 %
270
± 20 %
N2
1
2
11.0 uH
± 15 %
0.550
± 20 %
N3
2
3
11.0 uH
± 15 %
0.550
± 20 %
N4
4
9
0.67 uH
± 15 %
0.170
± 20 %
Term
Item
Spec.
Condition
Hi-Pot
Coil to Coil
500 VAC / 1 Minute
Hi-Pot
Coil to Core
500 VAC / 1 Minute
@Cut off
current=3mA
Isolation
Coil to Coil
100 MOHM Min.
@ 100 VDC
8
5
N1
1
2
3
4
9
N2
N3
N4
FONTIER ELECTRONICS
Part List for Demo Circuit
Parts
Package
Spec
R1
0805
2.2K
R2
0805
2.2K
C1
22uF/25V
C2
22nF/250V
C3
18pF/3KV
TR1
SC-51
2SC2655
TR2
SC-51
2SC2655
DI
DO41
1N4004
L1
CSN075F
CSN075F-470M
T1
TSS1230F
TSS1230F-01
Turn ratio: N2: N1 = N3: N1 = 1: 110
Recommended Foot Patterns
2.50
2.50
6.80


Similar Part No. - TSS1230F-01-LFR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSS10 VISHAY-TSS10 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
logo
Toshiba Semiconductor
TSS10G45S TOSHIBA-TSS10G45S Datasheet
214Kb / 4P
   SOLID STATE AC RELAY
TSS10J45S TOSHIBA-TSS10J45S Datasheet
214Kb / 4P
   SOLID STATE AC RELAY
logo
ETA-USA
TSS150 ETA-USA-TSS150 Datasheet
1Mb / 3P
   150W 5 Yr warranty
TSS150-03SC ETA-USA-TSS150-03SC Datasheet
1Mb / 3P
   150W 5 Yr warranty
More results

Similar Description - TSS1230F-01-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
   CCFL Inverter Transformer
SDH2010-02 FRONTIER-SDH2010-02 Datasheet
46Kb / 1P
   CCFL Inverter Transformer
SEC2021-01 FRONTIER-SEC2021-01 Datasheet
127Kb / 1P
   CCFL Inverter Transformer
SIH0901-01 FRONTIER-SIH0901-01 Datasheet
121Kb / 1P
   CCFL Inverter Transformer
SEH1936-01 FRONTIER-SEH1936-01 Datasheet
141Kb / 1P
   CCFL Inverter Transformer
SDH1503-03 FRONTIER-SDH1503-03 Datasheet
118Kb / 1P
   CCFL Inverter Transformer
SIH1507-01 FRONTIER-SIH1507-01 Datasheet
124Kb / 1P
   CCFL Inverter Transformer
SIH1005-01 FRONTIER-SIH1005-01 Datasheet
125Kb / 1P
   CCFL Inverter Transformer
SIH1510-01 FRONTIER-SIH1510-01 Datasheet
135Kb / 2P
   CCFL Inverter Transformer
SIH1202-01 FRONTIER-SIH1202-01 Datasheet
120Kb / 1P
   CCFL Inverter Transformer
TSS0525F FRONTIER-TSS0525F Datasheet
107Kb / 1P
   CCFL Inverter Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com