Part Name
         Description
TSS1230F

 CCFL Inverter Transformer ( 1 Page)


FRONTIER
100% 
Zoom Out Zoom In
   
 1 page
background image
CCFL Inverter Transformer: P/N TSS1230F-01 Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
CCFL Inverter Transformer—TSS1230F-01
A. Specification:
Part No.
Mark
Suitable Frequency
Max. Open Voltage Max. Lamp Watt.
Efficiency
TSS1230F-01
TSS1230F-01
90KHz~140KHz
750 V rms.
1.2W
75%
B. Schematics and Mechanical dimensions: (Unit: mm)
1
2
3
4
9
8
5
C. Electrical Data:
D. Insulation:
E. Features:
F. Uses:
Low profile height: Maximum 3.0mm.
• Black Light power supplies transformer available.
Drum / Ring type: Ferrite core (Ni – Zn).
• FL Inverter.
High efficiency.
• PDA Inverter.
Surface mount.
Suitable for standard IR re-flows soldering.
G. Applicant Circuit:
TR1
TR2
R1
R2
D1
C1
C2
T1
C3
+
-
L1
OUTPUT
1
2
3
4
9
8
5
WORKINGVOLTAGE:
4.5~6VDC
+
-
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
Winding
Start
Finish
L (@ 100KHz,1.0V
DCR
Ω (@25°C)
N1
8
5
60.0 mH
± 15 %
270
± 20 %
N2
1
2
11.0 uH
± 15 %
0.550
± 20 %
N3
2
3
11.0 uH
± 15 %
0.550
± 20 %
N4
4
9
0.67 uH
± 15 %
0.170
± 20 %
Term
Item
Spec.
Condition
Hi-Pot
Coil to Coil
500 VAC / 1 Minute
Hi-Pot
Coil to Core
500 VAC / 1 Minute
@Cut off
current=3mA
Isolation
Coil to Coil
100 MOHM Min.
@ 100 VDC
8
5
N1
1
2
3
4
9
N2
N3
N4
FONTIER ELECTRONICS
Part List for Demo Circuit
Parts
Package
Spec
R1
0805
2.2K
R2
0805
2.2K
C1
22uF/25V
C2
22nF/250V
C3
18pF/3KV
TR1
SC-51
2SC2655
TR2
SC-51
2SC2655
DI
DO41
1N4004
L1
CSN075F
CSN075F-470M
T1
TSS1230F
TSS1230F-01
Turn ratio: N2: N1 = N3: N1 = 1: 110
Recommended Foot Patterns
2.50
2.50
6.80



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSS0525FCCFL Inverter Transformer 1 Frontier Electronics.
TSS0728FCCFL Inverter Transformer 1 Frontier Electronics.
SDH1503-03CCFL Inverter Transformer 1 Frontier Electronics.
SDH2010-02CCFL Inverter Transformer 1 Frontier Electronics.
SEC2021-01CCFL Inverter Transformer 1 Frontier Electronics.
SEH1936-01CCFL Inverter Transformer 1 Frontier Electronics.
SGE2648-1high voltage transformer for CCFL inverter power supply. 1 Microsemi Corporation
SIH0901-01CCFL Inverter Transformer 1 Frontier Electronics.
SGE2663-3high voltage transformer for CCFL inverter power supply. 1 Microsemi Corporation
SIH1005-01CCFL Inverter Transformer 1 Frontier Electronics.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl