Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIOF5S3E Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # AIOF5S3E
Description  STRATUM 3E 5V HCMOS OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

AIOF5S3E Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  AIOF5S3E Datasheet HTML 1Page - Connor-Winfield Corporation AIOF5S3E Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
1
2
Cx034
00
7/30/02
www.conwin.com
The Connor-Winfield
AIOF5S3E is a 5V Oven
Controlled Crystal Oscillator
(OCXO) with HCMOS output.
The AIOF5S3E is designed
for Industrial Temperature
Range 3E applications
requiring low jitter and tight
frequency stability.
AIOF5S3E
- 12.800MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
FIXED FREQUENCY
FREQUENCY STABILITY: ±10ppb
TEMPERATURE RANGE: -40 to 85°C
5.0V OPERATION
HCMOS OUTPUT
STRATUM 3E 5V HCMOS OCXO
AIOF5S3E
AIOF5S3E
12.800 MHz
0702
I( W
Notes:
1) Initial calibration @ 25
°C
2) Frequency vs. temperature stability, referenced to 25
°C
3) Allen Variance: 1 second, 100 average.
4) Frequency vs. change in supply voltage
5) Vcc = 5.0Vdc.
6) Measured @ 25
°C.
7) Measured @ -40
°C, within 10 minutes, referenced one hour after turn-on.
8) Two HCMOS loads
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
100
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
3.2
-
25.6
MHz
Frequency Calibration
-1.5
1.5
ppm
1
Frequency Stability
-10
-
10
ppb
2
Aging:
Daily
-1
-
1
ppb/day
Aging:
First Year
-100
-
100
ppb
Aging:
Short Term (1Sec.)
-
5.00E-11
-
RMS
3
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Voltage Stability (+/-1%)
-2.0
-
2.0
ppb
4
Power Consumption:
Turn On
-
-
3.25
W
5
Power Consumption:
Steady-State
-
-
1.25
W
6
Warm Up
-100
-
100
ppb
7
2G Tip-over
-
-
5
ppb/G
HCMOS OUTPUT
CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
8
Voltage
(High)
(Voh)
4.2
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Duty Cycle at 50% of Vcc
40
50
60
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Spurious Output
-80
dBc
Jitter (BW=10Hz to 20MHz)
-
-
3
ps rms
SSB Phase Noise at 1Hz offset
-
-
-80
dBc/Hz
SSB Phase Noise at 10Hz offset
-
-
-110
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-
-130
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-
-145
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-
-150
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-
-150
dBc/Hz
PACKAGE
CHARACTERISTICS
TABLE 4.0
Package
Metal package: resistive welded, grounded case, solder tinned pins.


Similar Part No. - AIOF5S3E

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
AIO-120802LN-USB CONTEC-AIO-120802LN-USB Datasheet
694Kb / 5P
   N Series for USB Multifunction DAQ Unit
AIO-121601E3-PE CONTEC-AIO-121601E3-PE Datasheet
368Kb / 5P
   Analog I/O Board for PCI Express
AIO-121601UE3-PE CONTEC-AIO-121601UE3-PE Datasheet
704Kb / 5P
   1MSPS 12-bit Analog I/O Board for PCI Express
AIO-121602LN-USB CONTEC-AIO-121602LN-USB Datasheet
644Kb / 5P
   N Series for USB Multifunction DAQ Unit
AIO-160802AY-USB CONTEC-AIO-160802AY-USB Datasheet
188Kb / 4P
   High-precision analog I/O terminal for USB2.0
More results

Similar Description - AIOF5S3E

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
   STRATUM 3E 5V HCMOS OCXO
logo
Golledge Electronics Lt...
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
   5V OCXO HCMOS OUTPUT STRATUM 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
   STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
   STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
   5.0V HCMOS STRATUM 3E OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
   SURFACE MOUNT STRATUM 3E HCMOS OCXO
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
   SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
   1?쓝1??Stratum 3E OCXO
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
   OCXO with Stratum 3E stabilitiy
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com