Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS28XX-05 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CFS28XX-05
Description  Common Mode Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CFS28XX-05 Datasheet(HTML) 1 Page - Frontier Electronics.

  CFS28XX-05 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Line Filter P/N: CFS28xx Series
Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Common Mode Line Filters—CFS28xx series
A. Specifications:
Part
Number
Inductance
(mH)
DCR
(OHMS) Max.
Rated Current
(A) RMS.
CFS28xx-01
3.3
0.12
3.0
CFS28xx-02
5.6
0.16
2.5
CFS28xx-03
8.0
0.16
2.0
CFS28xx-04
16
0.40
1.5
CFS28xx-05
39
0.65
1.0
CFS28xx-06
45
0.80
0.9
CFS28xx-07
60
1.00
0.8
CFS28xx-08
68
1.50
0.7
CFS28xx-09
96
2.00
0.6
CFS28xx-10
120
2.50
0.5
Note: xx means: Type “01” or “02”.
B. Mechanical Dimensions:
C. General information:
1. Test Condition: 1.0KHz / 1V.
2. Electrical specifications at 25°
C.
3. Temperature Rise: 45°
C.
4. Operating temperature: -20°
C TO +105°C.
5. Insulation Resistance: 100M OHMS at 500VDC.
6. Rated Voltage: 100V to 270V / 50-60 Hz.
7. Hi-Pot Voltage: 1500VAC for one minute between line.
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - CFS28XX-05

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS2801 FRONTIER-CFS2801 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-01 FRONTIER-CFS2801-01 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-02 FRONTIER-CFS2801-02 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-03 FRONTIER-CFS2801-03 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
CFS2801-04 FRONTIER-CFS2801-04 Datasheet
151Kb / 1P
   WIRE WOUND COMMON MODE FILTERS
More results

Similar Description - CFS28XX-05

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
   Common Mode Line Filters
logo
List of Unclassifed Man...
CFU1101 ETC-CFU1101 Datasheet
39Kb / 1P
   Common Mode Line Filters
logo
Frontier Electronics.
CFU1101 FRONTIER-CFU1101 Datasheet
99Kb / 1P
   Common Mode Line Filters
3112 FRONTIER-3112 Datasheet
96Kb / 1P
   Common Mode Line Filters
3110122 FRONTIER-3110122 Datasheet
101Kb / 1P
   Common Mode Line Filters
CFS3501 FRONTIER-CFS3501 Datasheet
105Kb / 1P
   Common Mode Line Filters
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
   Common Mode Line Filters
CMP2515 FRONTIER-CMP2515 Datasheet
104Kb / 1P
   Common Mode Line Filters
CFS2001 FRONTIER-CFS2001 Datasheet
99Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com