Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3851B161252AL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3851B161252AL
Description  Diameter Panel Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3851B161252AL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3851B161252AL Datasheet HTML 1Page - Bourns Electronic Solutions 3851B161252AL Datasheet HTML 2Page - Bourns Electronic Solutions 3851B161252AL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3851/3852/3856 - 3/4 ” Diameter Panel Control
DIMENSIONS ARE:
MM
(INCHES)
9.53
(.38)
3/8-32 UNEF
3851A/3852A
3851B/3852B
19.05
(.75)
DIA.
3/8-32 UNEF
1/4-32 UNEF
3851C/3852C
1/4-32 UNEF
3851E/3852E
3/8-32 UNEF
3856A
3/8-32 UNEF.
3856H
6.35
(.25)
2.79
(.110)
3 PLCS.
14.02 ± .25
(.552 ± .010)
Terminal Configuration
SOLDER LUG TERMINAL
13
2
13
2
SUGGESTED BOARD LAYOUT
STANDARD
PRINTED CIRCUIT TERMINAL
3851/3852/3856
A, B & H BUSHINGS
Shaft End Detail
3850 Family
SHAFT SLOT
ALIGNMENT
AT CCW
FLAT
ALIGNMENT
AT CCW
50 ° ± 10 °
6.35 ± .76
(.25 ± .03)
.38
(.015)
19.05
(.75)
DIA.
12.7, 22.23
(1/2, 7/8)
45 ° X (.010)
CHAMFER
.25
DIA.
6.35+.03/-.05
(.250+.001/-.002)
SHAFT SLOT
1.19
WIDE X
.047
1.60+.38/.00
(.063+.015/-.000)
12.19
(.480)
DIA.
DEEP
OPTIONAL FLAT
LONG OR
FRONT BUSHING FOR SHAFTS UNDER
5.49
(.216)
16.00
(.63)
1.52
(.06)
28.58
(1-1/8)
OPTIONAL FLAT
LONG OR
FRONT BUSHING FOR SHAFTS UNDER
.25
(.010)
1.52
(.06)
15.88
(5/8)
12.7
(.50)
6.35 ± .76
(.25 ± .03)
.38
(.015)
15.88
(5/8)
45 ° X (.010)
CHAMFER
.25
DIA.
6.35+.03/-.05
(.250+.001/-.002)
DIA.
12.19
(.48)
DEEP
SHAFT SLOT
1.19
WIDE X
(.047)
1.60+.38/-.00
(.063+.015/-.000)
TYP.
12.7
(.50)
2 PLCS.
EACH TERMINAL LUG
WILL ACCOMMODATE
THREE
.81
DIAMETER
(.812 DIA. AWG
STRANDED) WIRES.
(.032)
6.35
(.25)
TYP.
15.88 ± .38
(.625 ± .015)
1.02
(.040)
TYP.
6.35
(.25)
6.35
(.25)
6.35
(.25)
1.40
(.055)
DIA.
9.53
(.375)
10.31
(.406)
DIA.
3.18
(.125)
DIA.
9.53
(.375)
6.73
(.265)
DIA.
3.18
(.125)
DIA.
TOLERANCES EXCEPT AS NOTED:
DECIMALS: .XXX ±
.127
.XX ±
.38
FRACTIONS: ± 1/64
ANGLE: ± 3 %
(.005),
(.015)
6.35 ± .76
(.25 ± .03)
6.35
(.25)
9.53, 22.23
(3/8, 7/8)
.38
(.015)
45 ° X (.010)
CHAMFER
.25
45 ° X (.010)
CHAMFER
.25
3.18 ± 0.25
(.125 ± .001)
DIA.
SHAFT SLOT
.79
WIDE X
.76
DEEP
(.031)
(.03)
9.53
(.38)
12.7
(1/2)
.38
(.015)
19.05
(.75)
DIA.
DIA.
12.19
(.480)
3.18 ± .025
(.125 ± .001)
DIA.
SHAFT SLOT
.79
WIDE X
.76
DEEP
(.03)
(.031)
6.35 ± .76
(.25 ± .03)
.38
(.015)
9.53
(.38)
12.7
(.50)
DIA.
6.35+.03/-.05
(.250+.001/-.002)
1.19
(.047)
45 ° X (.010)
CHAMFER
.25
12.19
(.480)
DIA.
1.60+3.81/-.000
(.063+.015/-.000)
DIA.
22.23
(7/8)
STD.
45 ° X (.010)
CHAMFER
.25
22.23
(7/8)
STD.
12.19
(.480)
DIA.
19.05
(.75)
DIA.
19.05
(.75)
DIA.
6.35 ± .76
(.25 ± .03)
12.7
(.50)
9.53
(.38)
.38
(.015)
DIA.
6.35+.03/-.05
(.250 ± .03)
.79
(.031)
3.18 ± .03
(.125 ± .003)
DIA.
STD.
STD.
6.35 ± .76
(.25 ± .03)
19.05
(.75)
DIA.
DIA.
12.19
(.480)
STD.
STD.
.79 ± .25
(.031 ± .010)
2.36
(.094)
50 ° ± 10 °
Product Dimensions


Similar Part No. - 3851B161252AL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3851B-121-102AL BOURNS-3851B-121-102AL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851B-121-102BL BOURNS-3851B-121-102BL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851B-121-102CL BOURNS-3851B-121-102CL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851B-121-102DL BOURNS-3851B-121-102DL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3851B-121-103AL BOURNS-3851B-121-103AL Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
More results

Similar Description - 3851B161252AL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
   Diameter Panel Control
3851 BOURNS-3851 Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
   3851/3852/3856 – 3/4 ˝ Diameter Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_09 Datasheet
237Kb / 3P
   3851/3852/3856 - 3/4 Diameter Panel Control
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com