Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5927IPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5927IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5927IPWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5927IPWPR Datasheet HTML 1Page - Texas Instruments TLC5927IPWPR Datasheet HTML 2Page - Texas Instruments TLC5927IPWPR Datasheet HTML 3Page - Texas Instruments TLC5927IPWPR Datasheet HTML 4Page - Texas Instruments TLC5927IPWPR Datasheet HTML 5Page - Texas Instruments TLC5927IPWPR Datasheet HTML 6Page - Texas Instruments TLC5927IPWPR Datasheet HTML 7Page - Texas Instruments TLC5927IPWPR Datasheet HTML 8Page - Texas Instruments TLC5927IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SDO
VDD
R-EXT
OE(ED2)
LE(ED1)
CLK
SDI
CONTROL
LOGIC
I/O REGULATOR
CONFIGURATION
LATCHES
OUTPUT DRIVER and
ERROR DETECTION
16-BIT SHIFT
REGISTER
8
16
8
16
16
16
OUT15
OUT14
OUT0
OUT1
16-BIT OUTPUT
LATCH
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TLC5926IPWPR
Y5926
PowerPAD™ – PWP
Reel of 2000
TLC5927IPWPR
Y5927
TLC5926IDWR
TLC5926I
–40°C to 85°C
W-SOIC – DW
Reel of 2000
TLC5927IDWR
TLC5927I
TLC5926IDBQR
TLC5926I
SSOP – DBQ
Reel of 2000
TLC5927IDBQR
TLC5927I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927


Similar Part No. - TLC5927IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5927IPWPR TI-TLC5927IPWPR Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IPWPR TI1-TLC5927IPWPR Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5927IPWPRG4 TI-TLC5927IPWPRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IPWPRG4 TI1-TLC5927IPWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
More results

Similar Description - TLC5927IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com