Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5925IDBQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IDBQR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5925IDBQR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5925IDBQR Datasheet HTML 1Page - Texas Instruments TLC5925IDBQR Datasheet HTML 2Page - Texas Instruments TLC5925IDBQR Datasheet HTML 3Page - Texas Instruments TLC5925IDBQR Datasheet HTML 4Page - Texas Instruments TLC5925IDBQR Datasheet HTML 5Page - Texas Instruments TLC5925IDBQR Datasheet HTML 6Page - Texas Instruments TLC5925IDBQR Datasheet HTML 7Page - Texas Instruments TLC5925IDBQR Datasheet HTML 8Page - Texas Instruments TLC5925IDBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TLC5925
www.ti.com .............................................................................................................................................................................................. SLVS765 – OCTOBER 2008
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
• 16 Constant-Current Output Channels
• 30-MHz Clock Frequency
• Constant Output Current Invariant to Load
• Schmitt-Trigger Inputs
Voltage Change
• 3.3-V to 5-V Supply Voltage
• Excellent Output Current Accuracy:
• Thermal Shutdown for Overtemperature
Between Channels: < ±4% (Max)
Protection
Between ICs: < ±6% (Max)
• ESD Performance: 1-kV HBM
• Constant Output Current Range:
3 mA to 45 mA
• Gaming Machine / Entertainment
• Output Current Adjusted By External Resistor
• General LED Applications
• Fast Response of Output Current, OE (Min):
• LED Display Systems
100 ns
• Signs LED Lighting
• White Goods
The TLC5925 is designed for LED displays and LED lighting applications. The TLC5925 contains a 16-bit shift
register and data latches, which convert serial input data into parallel output format. At the TLC5925 output
stage, 16 regulated-current ports provide uniform and constant current for driving LEDs within a wide range of VF
variations. Used in system design for LED display applications (e.g., LED panels), the TLC5925 provides great
flexibility and device performance. Users can adjust the output current from 3 mA to 45 mA through an external
resistor, Rext, which gives flexibility in controlling the light intensity of LEDs. TLC5925 is designed for up to 17 V
at the output port. The high clock frequency, 30 MHz, also satisfies the system requirements of high-volume data
transmission.
The serial data is transferred into TLC5925 via SDI, shifted in the shift register, and transferred out via SDO. LE
can latch the serial data in the shift register to the output latch. OE enables the output drivers to sink current.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PW
Reel of 2000
TLC5925IPWR
Y5925
–40°C to 85°C
W-SOIC – DW
Reel of 2000
TLC5925IDWR
PREVIEW
SSOP – DBQ
Reel of 2000
TLC5925IDBQR
TLC5925I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5925IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925IDBQR TI-TLC5925IDBQR Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQR TI1-TLC5925IDBQR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC5925IDBQRG4 TI-TLC5925IDBQRG4 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5925IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com