Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR4018-2R7Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR4018-2R7Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR4018-2R7Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR4018-2R7Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR4018-2R7Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRR4018 Series - Shielded SMD Power Inductors
Features
Height of 2.0 mm
Current rating up to 2.7 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
6R8
4.80 ± 0.20
(.189 ± .008)
4.80 ± 0.20
(.189 ± .008)
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.80 ± 0.20
(.071 ± .008)
General Specifications
Test Voltage .....................0.1 V, 100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core Material.................................Ferrite
Wire ............................Enameled Copper
Adhesive..............................Epoxy Resin
Terminal.....................................Ag/Ni/Sn
Rated Current .........Ind. drop of 35 % typ.
at Isat
Temperature Rise .............30 ˚C typ. at Irms
Packaging.....................800 pcs. per reel
Recommended Layout
5.30
(.209)
2.00
(.079)
REF.
1.50
(.059)
REF.
2.00
(.079)
REF.
1.80
(.071)
REF.
REF.
R
Inductance 100 kHz
Q
Test
SRF
DCR
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Typ.
Max.
Irms
Isat
(MHz)
(MHz)
(m
Ω)
(A)
(A)
SRR4018-1R0Y
1.0
±30
9
7.960
219
35
2.70
2.60
SRR4018-1R8Y
1.8
±30
9
7.960
105
58
2.35
2.20
SRR4018-2R2Y
2.2
±30
8
7.960
90
55
2.10
2.10
SRR4018-2R7Y
2.7
±30
8
7.960
78
60
2.03
1.95
SRR4018-3R3Y
3.3
±30
8
7.960
61
65
1.95
1.80
SRR4018-3R9Y
3.9
±30
8
7.960
60
75
1.82
1.65
SRR4018-4R7Y
4.7
±30
8
7.960
55
82
1.72
1.50
SRR4018-5R6Y
5.6
±30
7
7.960
57
90
1.64
1.25
SRR4018-6R8Y
6.8
±30
8
7.960
49
100
1.50
1.15
SRR4018-8R2Y
8.2
±30
7
7.960
40
135
1.40
1.10
SRR4018-100Y
10
±30
10
2.520
38
150
1.30
1.00
SRR4018-120Y
12
±30
9
2.520
32
170
1.15
0.90
SRR4018-150Y
15
±30
8
2.520
30
220
1.03
0.82
SRR4018-180Y
18
±30
7
2.520
30
280
0.92
0.75
SRR4018-220Y
22
±30
7
2.520
29
300
0.88
0.65
SRR4018-270Y
27
±30
7
2.520
23
370
0.77
0.60
SRR4018-330Y
33
±30
7
2.520
21
420
0.73
0.50
SRR4018-390Y
39
±30
8
2.520
19
540
0.64
0.48
SRR4018-470Y
47
±30
8
2.520
20
600
0.62
0.45
SRR4018-560Y
56
±30
8
2.520
15
820
0.52
0.40
SRR4018-680Y
68
±30
7
2.520
13
860
0.50
0.38
SRR4018-820Y
82
±30
8
2.520
13
1200
0.43
0.32
SRR4018-101Y
100
±30
10
0.796
12
1350
0.40
0.30
SRR4018-121Y
120
±30
11
0.796
10
1950
0.33
0.28
SRR4018-151Y
150
±30
14
0.796
10
2600
0.28
0.26
SRR4018-181Y
180
±30
10
0.796
10
4000
0.18
0.25
DIMENSIONS:
MM
(INCHES)
Inductance vs. Current
101
23
5
7
102
23
5
7
DC Current (mA)
103
104
23
5
7
100
7
5
101
7
5
3
2
102
7
5
3
2
1R0
4R7
100
330
101
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SRR4018-2R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR4018-2R7Y BOURNS-SRR4018-2R7Y Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR4018-2R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com