Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7072M Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7072M
Description  LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7072M Datasheet(HTML) 1 Page - New Japan Radio

  NJU7072M Datasheet HTML 1Page - New Japan Radio NJU7072M Datasheet HTML 2Page - New Japan Radio NJU7072M Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NJU7071/72/74
-1-
Ver.2003-03-18
NJU7071D
NJU7071M
NJU7071V
NJU7072D
NJU7072M
NJU7074D
NJU7074M
NJU7074V
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJU7071,72 and 74 are single, dual and quad C-MOS
Operational Amplifiers operated on a single-power-supply and
low operating current.
The input offset voltage is lower than 2mV,and the input bias
current is as low as less than 1pA,consequently the very small
single around the ground level can be amplified.
The minimum operating voltage is 5V and the output stage
permits output signal to swing between both of the supply rails.
Furthermore, the operating current is also as low as 0.6mA
( typ. ) per circuit, therefore it can be applied especially to
battery-operated items.
■ FEATURES
● Single-Power-Supply
● Low Input Offset Voltage
( VIO=2mV max )
● Wide Operating Voltage
( VDD=5~16V )
● Wide Output Swing Range
( VOM≥9.98V typ. @ VDD=10V )
● Low Operating Current
( 0.6mA/circuit typ. )
● Low Bias Current
( IIB=1pA typ. )
● Internal Compensation Capacitor
● External Offset Null Adjustment ( Only NJU7071 )
● Package Outline
DIP/DMP/SSOP8 ( NJU7071 )
DIP/DMP8 ( NJU7072 )
DIP/DMP/SSOP14 ( NJU7074 )
● C-MOS Technology
■ PIN CONFIGURATION
NJU7071D
NJU7072D
NJU7071M
NJU7072M
NJU7074D
NJU7074M
NJU7071V
NJU7074V


Similar Part No. - NJU7072M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7072M NJRC-NJU7072M Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
More results

Similar Description - NJU7072M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7031 NJRC-NJU7031 Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7001 NJRC-NJU7001 Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com