Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54HC589J Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC54HC589J
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC589J Datasheet(HTML) 3 Page - Motorola, Inc

  MC54HC589J Datasheet HTML 1Page - Motorola, Inc MC54HC589J Datasheet HTML 2Page - Motorola, Inc MC54HC589J Datasheet HTML 3Page - Motorola, Inc MC54HC589J Datasheet HTML 4Page - Motorola, Inc MC54HC589J Datasheet HTML 5Page - Motorola, Inc MC54HC589J Datasheet HTML 6Page - Motorola, Inc MC54HC589J Datasheet HTML 7Page - Motorola, Inc MC54HC589J Datasheet HTML 8Page - Motorola, Inc MC54HC589J Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC54/74HC589
High–Speed CMOS Logic Data
DL129 — Rev 6
3–3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 2 and 8)
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Latch Clock to QH
(Figures 1 and 8)
2.0
4.5
6.0
210
42
36
265
53
45
315
63
54
ns
tPLH,
tPHL
Maximum Propagation Delay, Shift Clock to QH
(Figures 2 and 8)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLH,
tPHL
Maximum Propagation Delay, Serial Shift/Parallel Load to QH
(Figures 4 and 8)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to QH
(Figures 3 and 9)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to QH
(Figures 3 and 9)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 8)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in
High–Impedance State)
15
15
15
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Package)*
50
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC54HC589J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC533A MOTOROLA-MC54HC533A Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
   Octal 3-State Noninverting Transparent Latch
MC54HC574A MOTOROLA-MC54HC574A Datasheet
100Kb / 7P
   OCTAL 3-STARE NONINVERTING D FLIP-FLOP
MC54HC574AJ MOTOROLA-MC54HC574AJ Datasheet
100Kb / 7P
   OCTAL 3-STARE NONINVERTING D FLIP-FLOP
More results

Similar Description - MC54HC589J

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com