Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD1589 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD1589
Description  Low Frequency Power Amplifier Low Speed Switching Industrial Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1589 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD1589 Datasheet HTML 1Page - Fairchild Semiconductor KSD1589 Datasheet HTML 2Page - Fairchild Semiconductor KSD1589 Datasheet HTML 3Page - Fairchild Semiconductor KSD1589 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, September 2003
NPN Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
5
A
ICP
*Collector Current (Pulse)
8
A
IB
Base Current
0.5
A
PC
Collector Dissipation (Ta=25°C)
1.5
W
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 100V, IE = 0
1
µA
h FE1
hFE2
*DC Current Gain
VCE = 2V, IC = 3A
VCE = 2V, IC = 5A
2K
500
6K
15K
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 3A, IB = 3mA
0.9
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 3A, IB = 3mA
1.6
2
V
tON
Turn On Time
VCC
=50V, I
C = 3A
IB1 = - IB2 = 3mA
RL = 16.7Ω
1
µs
tstg
Storage Time
3.5
µs
tf
Fall Time
1.2
µs
Classification
R
O
Y
hFE1
2000 ~ 5000
3000 ~ 7000
5000 ~ 15000
KSD1589
Low Frequency Power Amplifier
Low Speed Switching Industrial Use
• Complement to KSB1098
TO-220F
1.Base
2.Collector
3.Emitter
1
Equivalent Circuit
B
E
C
R1
R2
R18k
R20.12k


Similar Part No. - KSD1589

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
57Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
KSD1589YTU FAIRCHILD-KSD1589YTU Datasheet
57Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
More results

Similar Description - KSD1589

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD1589YTU FAIRCHILD-KSD1589YTU Datasheet
57Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
KSD986 SAMSUNG-KSD986 Datasheet
182Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
logo
List of Unclassifed Man...
2SD1564 ETC-2SD1564 Datasheet
57Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1590 ETC-2SD1590 Datasheet
66Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1595 ETC-2SD1595 Datasheet
25Kb / 1P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1589 ETC-2SD1589 Datasheet
65Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1591 ETC-2SD1591 Datasheet
33Kb / 1P
   Audio Frequency Power Amplifier and Low Speed High Current Switching Industrial Use
2SD408 ETC-2SD408 Datasheet
41Kb / 1P
   Low Frequency Power Amplifier,Low Speed Switching
2SD1308 ETC-2SD1308 Datasheet
68Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER AND LOW SPEED SWITCHING INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com