Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA28F320J5A-120 Datasheet(PDF) 1 Page - Intel Corporation

Part # DA28F320J5A-120
Description  5 Volt Intel StrataFlash짰 Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F320J5A-120 Datasheet(HTML) 1 Page - Intel Corporation

  DA28F320J5A-120 Datasheet HTML 1Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 2Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 3Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 4Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 5Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 6Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 7Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 8Page - Intel Corporation DA28F320J5A-120 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
5 Volt Intel StrataFlash® Memory
28F320J5 and 28F640J5 (x8/x16)
Datasheet
Product Features
Capitalizing on two-bit-per-cell technology, 5 Volt Intel StrataFlash® memory products provide 2Xthe bits
in 1Xthe space. Offered in 64-Mbit (8-Mbyte) and 32-Mbit (4-Mbyte) densities, Intel StrataFlash memory
devices are the first to bring reliable, two-bit-per-cell storage technology to the flash market.
Intel StrataFlash memory benefits include: more density in less space, lowest cost-per-bit NOR devices,
support for code and data storage, and easy migration to future devices.
Using the same NOR-based ETOX™ technology as Intel’s one-bit-per-cell products, Intel StrataFlash
memory devices take advantage of 400 million units of manufacturing experience since 1988. As a result,
Intel StrataFlash components are ideal for code or data applications where high density and low cost are
required. Examples include networking, telecommunications, audio recording, and digital imaging.
Intel StrataFlash memory components deliver a new generation of forward-compatible software support.
By using the Common Flash Interface (CFI) and the Scalable Command Set (SCS), customers can take
advantage of density upgrades and optimized write capabilities of future Intel StrataFlash memory devices.
Manufactured on Intel’s 0.4 micron ETOX™ V process technology and Intel’s 0.25 micron ETOX VI
process technology, 5 Volt Intel StrataFlash memory provides the highest levels of quality and reliability.
s
High-Density Symmetrically-Blocked
Architecture
— 64 128-Kbyte Erase Blocks (64 M)
— 32 128-Kbyte Erase Blocks (32 M)
s
4.5 V–5.5 V VCC Operation
— 2.7 V–3.6 V and 4.5 V–5.5 V I/O
Capable
s
120 ns Read Access Time (32 M)
150 ns Read Access Time (64 M)
s
Enhanced Data Protection Features
— Absolute Protection with
VPEN =GND
— Flexible Block Locking
— Block Erase/Program Lockout during
Power Transitions
s
Industry-Standard Packaging
— SSOP Package (32, 64 M)
TSOP Package (32 M)
s
Cross-Compatible Command Support
— Intel Basic Command Set
— Common Flash Interface
— Scalable Command Set
s
32-Byte Write Buffer
— 6 µ s per Byte Effective Programming
Time
s
6,400,000 Total Erase Cycles (64 M)
3,200,000 Total Erase Cycles (32 M)
— 100,000 Erase Cycles per Block
s
Automation Suspend Options
— Block Erase Suspend to Read
— Block Erase Suspend to Program
s
System Performance Enhancements
—STS Status Output
s
Operating Temperature –20 °C to + 85 °C
(–40 °C to +85°Con.25 micron ETOXVI)
process technology parts)
Order Number: 290606-015
April 2002
Notice: This document contains information on products in production. The specifications are
subject to change without notice. Verify with your local Intel sales office that you have the latest
datasheet before finalizinga design.


Similar Part No. - DA28F320J5A-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F320J5-120 INTEL-DA28F320J5-120 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results

Similar Description - DA28F320J5A-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com