Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18402 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 18402
Description  Radial Leads Inductors (Choke Coil)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

18402 Datasheet(HTML) 2 Page - Frontier Electronics.

  18402 Datasheet HTML 1Page - Frontier Electronics. 18402 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radial Leads Inductors (Choke Coil) P/N 18402 Series
Rev. A
Jan. 01, 2006 Page 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Radial Leads Inductors (Choke Coil)—18402 series
B. Mechanical Dimensions:
C. General Information:
1. Inductance Tolerance: M:±20%, K: ±10%.
2. Inductance (Current) ranges: 1.0uH (7.5A) - 1500uH, (180mA)
3. DCR: from 0.005 - 3.5 Ohms.
4. Operating temperature: -20
°C to +85°C.
5. Temperature rise: 25
°C Max.
6. Ambient temperature: 60
°C Max.
7. Test condition: 1 KHz.
8. Test equipment:
L: HP4276A LCZ Meter.
Q: HP4342A at specified frequency.
DCR: Milli-Ohm meter.
SRF: HP4191A.
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - 18402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840214 PHOENIX-1840214 Datasheet
49Kb / 2P
   Strain relief - STZ 2-PCC 4-7,62 - 1840214
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
More results

Similar Description - 18402

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
18403 FRONTIER-18403_15 Datasheet
125Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
18401 FRONTIER-18401_15 Datasheet
135Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
   TCRB Coil Choke Inductors Radial
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
   TCRC Choke Coil Inductors Radial
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
   TCRS Choke Coil Inductors Radial
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com