Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11411561 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 11411561
Description  High Current RF Varnished Chokes (Axial Leads)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

11411561 Datasheet(HTML) 2 Page - Frontier Electronics.

  11411561 Datasheet HTML 1Page - Frontier Electronics. 11411561 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High current RF Axial Leads varnished Choke P/N 11411 Series
Rev. A
Jan. 01, 2006 Page 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
High Current RF Varnished Chokes (Axial Leads)-11411 series
B. Mechanical Dimensions:
C. General Information:
1.
Inductance: +15% @ 1 KHz, 10% and 5% tolerances optional.
2.
Ferrite bobbin core
3.
Low DCR & High current capacity.
4.
Saturation current to cause 10% maximum inductance drop.
5.
Ambient Temperature -55
°C to +125°C.
6.
Rated current to cause 35°C max. temperature rise
7.
Dielectric strength 2500Vrms
8.
Coil finished with varnish and covered with VW1 rated shrink tubing.
9.
Packaging for bulk: 200 pcs/box and 32000 pcs/carton.
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.
0.032 ± 0.002
(0.81 ± 0.05)
1.0 Min.
(25.4)
0.9 Max.
(22.86)
1.0 Min.
(25.4)
0.453 Max.
(11.5)
Inches
(mm)


Similar Part No. - 11411561

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11411561 FRONTIER-11411561 Datasheet
118Kb / 2P
   11411_15
11411561_-LFR FRONTIER-11411561_-LFR Datasheet
78Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results

Similar Description - 11411561

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AVC40I ALLIED-AVC40I Datasheet
849Kb / 1P
   Axial Varnished Chokes
logo
Bourns Electronic Solut...
70F BOURNS-70F Datasheet
1Mb / 1P
   VARNISHED RF CHOKES
logo
Frontier Electronics.
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206 FRONTIER-1206_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com