Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2308-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 2308-04
Description  Insert Molded Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

2308-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  2308-04 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IMC 2308 series
Mar. 01, 2002 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Insert Molded Coil—2308 series
A. Mechanical Drawing:
B. Electrical Specification:
Part No.
Turns
L Min. (uH) L Nom. (uH) L Max. (uH) Q Min. @ L Nom.
Color
2308-01
1 1/2
0.040
0.044
0.048
100
Brown
2308-02
2 1/2
0.055
0.067
0.081
100
Red
2308-03
3 1/2
0.073
0.093
0.118
100
Orange
2308-04
4 1/2
0.091
0.120
0.158
100
Yellow
2308-05
5 1/2
0.110
0.146
0.193
100
Green
2308-06
6 1/2
0.129
0.170
0.224
100
Blue
2308-07
7 1/2
0.148
0.194
0.253
100
Violet
C. Features:
1. Plastic molded.
2. High reliability.
3. Low cost.
D. Measurement:
1. Q and L measured with leads connected directly.
2. L min. measured without core.
3. Inductance greater than 0.1uH read at recommended Q meter frequency.
4. Inductance below 0.1uH calculated from readings taken at 50MHz.
E. Test equipment:
Q meter (HP 4342A)


Similar Part No. - 2308-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2308-1DCG IDT-2308-1DCG Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308-1DCG IDT-2308-1DCG Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
2308-1DCG RENESAS-2308-1DCG Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
2308-1DCG8 IDT-2308-1DCG8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308-1DCG8 IDT-2308-1DCG8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results

Similar Description - 2308-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2432 FRONTIER-2432 Datasheet
32Kb / 1P
   Insert Molded Coil
2303 FRONTIER-2303 Datasheet
28Kb / 1P
   Insert Molded Coil
2427 FRONTIER-2427 Datasheet
48Kb / 1P
   Insert Molded Coil
2431 FRONTIER-2431 Datasheet
31Kb / 1P
   Insert Molded Coil
2433 FRONTIER-2433 Datasheet
33Kb / 1P
   Insert Molded Coil
2901 FRONTIER-2901 Datasheet
46Kb / 1P
   Insert Molded Coil
2101 FRONTIER-2101 Datasheet
51Kb / 1P
   Insert Molded Coil
2428 FRONTIER-2428 Datasheet
48Kb / 1P
   Insert Molded Coil
2430 FRONTIER-2430 Datasheet
31Kb / 1P
   Insert Molded Coil
2434 FRONTIER-2434 Datasheet
33Kb / 1P
   Insert Molded Coil
2429 FRONTIER-2429 Datasheet
45Kb / 1P
   Insert Molded Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com