Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1211100K Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1211100K
Description  RF Coated Chokes (Axial Leads)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1211100K Datasheet(HTML) 2 Page - Frontier Electronics.

  1211100K Datasheet HTML 1Page - Frontier Electronics. 1211100K Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Leads Coated Choke P/N 1211 Series
Rev. A
June 01, 2006 Page 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
RF Coated Chokes (Axial Leads)—1211 series
B. Mechanical Dimensions:
Mechanical drawing
C. General Information:
1. Coil Form Material: Ferrite
2. Body Size: 14.0 x 4.5 mm body size
3. Inductance (Current) ranges: 1.0 µH (5600mA) – 1500 µH (190mA)
4. Inductance Tolerance: M:±20%, K: ±10%, J:±5%.
5. DCR: from 0.22 – 7.80 Ohms
6. Other information:
Spec. / Series
1201 to 1211 Series
1310 to 1501 Series
Operating Temperature:
- 20
°C to + 80°C
Phenolic: 125
°C Max.
Ferrite: 105
°C Max.
Temp. Rise:
20
°C
Phenolic: 35
°C Max.
Ferrite: 15
°C Max.
Ambient Temperature:
90
°C Max.
Terminal Strength:
3 lb.
Marking:
Color Code
in accordance with EIA
Color Code
in accordance with MIL-C-15305 D
Moisture & Heat Resist.:
∆ L/L < +5%
∆ Q/Q < +10%
Dielectric Strength:
1KV rms.
Test Equipment:
L & Q = HP4342A at specified frequency
DCR = Milli-Ohm meter, SRF = HP4191A
7. Color Code for RF Coated Chokes:
Color
Black Brown
Red
Orange Yellow Green
Blue Violet Gray White Gold Silver None
Digit
0
1
2
3
4
5
6
7
8
9
- -
- -
- -
Multiplier
1
10
100
1000
10,000
- -
- -
- -
- -
- -
0.1
0.01
- -
Tolerance
- -
- -
- -
3%
- -
- -
- -
- -
- -
- -
5%
10%
20%
Color Code
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.
Example foe color code on Molded Inductor:
Inductance
(µH)
1st Band
2nd Band 3rd Band 4th Band
0.68 + 10%
Blue
Gray
Silver
Silver
6.8 + 10%
Blue
Gray
Gold
Silver
68 + 10%
Blue
Gray
Black
Silver


Similar Part No. - 1211100K

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12111.0-00 STEGO-12111.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12111.0-30 STEGO-12111.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
Silicon Laboratories
1211141 SILABS-1211141 Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
1211161 SILABS-1211161 Datasheet
182Kb / 2P
   C8051F38x Datasheet Revision 1.2
More results

Similar Description - 1211100K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206 FRONTIER-1206_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com