Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210C-R18 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1210C-R18
Description  SMD Wire Wound Ceramic Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210C-R18 Datasheet(HTML) 1 Page - Frontier Electronics.

  1210C-R18 Datasheet HTML 1Page - Frontier Electronics. 1210C-R18 Datasheet HTML 2Page - Frontier Electronics. 1210C-R18 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 1210C-series
Rev. A
Jan. 01, 2006. Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—1210C series
A. Electrical specifications:
COLOR CODE
Part
No.
L (nH)
Tol.
Q
(Min.)
SRF
(MHz)
(Min.)
DCR
Ω
(Max)
I rms.
(mA)
1
st
2
nd
3
rd
1210C-4N7
4.7@100MHz
K, J
50@1000MHz
6000
0.06
600
Yellow Violet
Black
1210C-5N6
5.6@100MHz
K, J
50@1000MHz
5500
0.08
600
Green
Blue
Black
1210C-10N
10@100MHz
K, J, G
60@500MHz
4000
0.06
600
Brown
Black
Brown
1210C-12N
12@100MHz
K, J, G
60@500MHz
3400
0.06
600
Brown
Red
Brown
1210C-15N
15@100MHz
K, J, G
60@500MHz
3200
0.06
600
Brown
Green
Brown
1210C-18N
18@100MHz
K, J, G
60@300MHz
2800
0.06
600
Brown
Gray
Brown
1210C-22N
22@100MHz
K, J, G
60@300MHz
2300
0.08
600
Red
Red
Brown
1210C-27N
27@100MHz
K, J, G
60@300MHz
2000
0.08
600
Red
Violet
Brown
1210C-33N
33@100MHz
K, J, G
60@300MHz
1800
0.08
600
Orange Orange Brown
1210C-39N
39@100MHz
K, J, G
60@300MHz
1800
0.08
600
Orange
White
Brown
1210C-47N
47@100MHz
K, J, G
60@300MHz
1600
0.08
600
Yellow Violet
Brown
1210C-56N
56@100MHz
K, J, G
60@300MHz
1500
0.10
600
Green
Blue
Brown
1210C-68N
68@100MHz
K, J, G
60@300MHz
1300
0.10
600
Blue
Gray
Brown
1210C-82N
82@100MHz
K, J, G
60@300MHz
1200
0.10
600
Gray
Red
Brown
1210C-91N
91@100MHz
K, J, G
60@300MHz
1100
0.10
1000
White
Brown Brown
1210C-R10
100@100MHz
K, J, G
60@300MHz
1100
0.10
500
Brown
Black
Red
1210C-R12
120@50MHz
K, J, G
60@300MHz
900
0.12
500
Brown
Red
Red
1210C-R15
150@50MHz
K, J, G
60@300MHz
800
0.18
500
Brown
Green
Red
1210C-R18
180@50MHz
K, J, G
60@300MHz
760
0.21
500
Brown
Gray
Red
1210C-R22
220@50MHz
K, J, G
60@300MHz
760
0.27
500
Red
Red
Red
1210C-R27
270@50MHz
K, J, G
50@300MHz
660
0.33
500
Red
Violet
Red
1210C-R33
330@50MHz
K, J, G
50@100MHz
650
0.37
500
Orange Orange
Red
1210C-R36
360@50MHz
K, J, G
50@100MHz
500
0.63
600
Orange
Blue
Red
1210C-R39
390@50MHz
K, J, G
50@100MHz
600
0.63
500
Orange
White
Red
1210C-R47
470@50MHz
K, J, G
50@100MHz
550
0.69
400
Yellow Violet
Red
1210C-R56
560@50MHz
K, J, G
50@100MHz
470
0.90
400
Green
Blue
Red
1210C-R68
680@25MHz
K, J, G
50@100MHz
450
1.05
400
Blue
Gray
Red
1210C-R82
820@25MHz
K, J, G
50@100MHz
400
1.45
350
Gray
Red
Red
1210C-1R0
1000@25MHz
K, J, G
45@100MHz
340
2.10
280
Brown
Black
Orange
1210C-1R2
1200@7.96MHz
K, J, G
45@50MHz
320
2.40
250
Brown
Red
Orange
1210C-1R5
1500@7.96MHz
K, J, G
45@50MHz
300
2.70
220
Brown
Green
Orange
1210C-1R8
1800@7.96MHz
K, J, G
45@50MHz
280
3.50
180
Brown
Gray
Orange
1210C-2R2
2200@7.96MHz
K, J, G
45@50MHz
260
3.80
150
Red
Red
Orange
1210C-3R3
3300@27MHz
K, J, G
25@27MHz
140
10
150
Orange Orange Orange


Similar Part No. - 1210C-R18

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210C-R18J FRONTIER-1210C-R18J Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-R18K FRONTIER-1210C-R18K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
More results

Similar Description - 1210C-R18

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com