Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT80C32X2-3CSUL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT80C32X2-3CSUL
Description  8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C32X2-3CSUL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT80C32X2-3CSUL Datasheet HTML 2Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 3Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 4Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 5Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 6Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 7Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 8Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 9Page - ATMEL Corporation AT80C32X2-3CSUL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
TS8xCx2X2
4184I–8051–02/08
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP
1.4
VSS
20
22
16
I
Ground: 0V reference
Vss1
1
39
I
Optional Ground: Contact the Sales Office for ground
connection.
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal,
idle and power-down operation
P0.0-P0.7
39-
32
43-
36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0
pins that have 1s written to them float and can be used as
high impedance inputs.Port 0 pins must be polarized to Vcc
or Vss in order to prevent any parasitic current consumption.
Port 0 is also the multiplexed low-order address and data bus
during access to external program and data memory. In this
application, it uses strong internal pull-up when emitting 1s.
Port 0 also inputs the code bytes during EPROM
programming. External pull-ups are required during program
verification during which P0 outputs the code bytes.
P1.0-P1.7
1-8
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 1 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, Port 1 pins that are externally pulled low will source
current because of the internal pull-ups. Port 1 also receives
the low-order address byte during memory programming and
verification.
Alternate functions for Port 1 include:
1
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
2
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction
Control
P2.0-P2.7
21-
28
24-
31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 2 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, Port 2 pins that are externally pulled low will source
current because of the internal pull-ups. Port 2 emits the high-
order address byte during fetches from external program
memory and during accesses to external data memory that
use 16-bit addresses (MOVX atDPTR).In this application, it
uses strong internal pull-ups emitting 1s. During accesses to
external data memory that use 8-bit addresses (MOVX atRi),
port 2 emits the contents of the P2 SFR. Some Port 2 pins
receive the high order address bits during EPROM
programming and verification: P2.0 to P2.4
P3.0-P3.7
10-
17
11,
13-
19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 3 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, Port 3 pins that are externally pulled low will source
current because of the internal pull-ups. Port 3 also serves
the special features of the 80C51 family, as listed below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt 0


Similar Part No. - AT80C32X2-3CSUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C31X2 ATMEL-AT80C31X2 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
AT80C31X2-3CSUL ATMEL-AT80C31X2-3CSUL Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
AT80C31X2-3CSUM ATMEL-AT80C31X2-3CSUM Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
AT80C31X2-3CSUV ATMEL-AT80C31X2-3CSUV Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
AT80C31X2-RLTUL ATMEL-AT80C31X2-RLTUL Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Similar Description - AT80C32X2-3CSUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com