Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805F-4R7 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0805F-4R7
Description  SMD Wire Wound Ferrite Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0805F-4R7 Datasheet(HTML) 2 Page - Frontier Electronics.

  0805F-4R7 Datasheet HTML 1Page - Frontier Electronics. 0805F-4R7 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD wire wound Ferrite Chip Inductor: P/N 0805F-series
Rev. A
Mar. 27, 2007. Page: 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors—0805F series
F. Characteristic curve:
1. L vs. Frequency:
Inductance vs. Frequency
0
1
10
100
1000
1
10
100
1000
Frequency (MHz)
0805F-2R2
0805F-100
0805F-270
2. Typical Q vs. Frequency:
Typical Q v s . Fre que ncy
0
1
10
10 0
100 0
1
1 0
100
1 000
Fre que ncy (MHz )
0 805 F-2 7 0
080 5F-2 R 2
08 05 F-10 0


Similar Part No. - 0805F-4R7

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-4R7J FRONTIER-0805F-4R7J Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
0805F-4R7K FRONTIER-0805F-4R7K Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results

Similar Description - 0805F-4R7

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
214Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
66Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com