Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292B-06 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 292B-06
Description  SMD Air Wound Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

292B-06 Datasheet(HTML) 2 Page - Frontier Electronics.

  292B-06 Datasheet HTML 1Page - Frontier Electronics. 292B-06 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Air Coil: P/N 292A & 292B Series
Rev. B
Feb. 01, 2007. Page: 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Air Wound Coils—292A & 292B series
E. Characteristic curve:
1. L vs. Frequency:
292A Series
292B Series
2.
Typical Q vs. Frequency:
292A Series
292B Series
0
2
4
6
8
1
10
100
1000
10000
Frequency (MHz)
292A-05
292A-02
292A-03
292A-04
0
3
6
9
12
15
18
10
100
1000
10000
Frequency (MHz)
292B-10
292B-06
292B-07
292B-08
292B-09
0
50
100
150
200
10
100
1000
10000
Frequency (MHz)
Q
02
05
03
04
0
50
100
150
10
100
1000
10000
Frequency(MHz)
Q
09
08
10
06
07


Similar Part No. - 292B-06

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
292B FRONTIER-292B Datasheet
121Kb / 5P
   Tape and Reel Specifications
292BR06 FRONTIER-292BR06 Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
292BR07 FRONTIER-292BR07 Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
292BR08 FRONTIER-292BR08 Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
292BR09 FRONTIER-292BR09 Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
More results

Similar Description - 292B-06

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
LSQ0908A FRONTIER-LSQ0908A Datasheet
237Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com