Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YC103KA77A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0805YC103KA77A
Description  Dielectric General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YC103KA77A Datasheet(HTML) 3 Page - AVX Corporation

  0805YC103KA77A Datasheet HTML 1Page - AVX Corporation 0805YC103KA77A Datasheet HTML 2Page - AVX Corporation 0805YC103KA77A Datasheet HTML 3Page - AVX Corporation 0805YC103KA77A Datasheet HTML 4Page - AVX Corporation 0805YC103KA77A Datasheet HTML 5Page - AVX Corporation 0805YC103KA77A Datasheet HTML 6Page - AVX Corporation 0805YC103KA77A Datasheet HTML 7Page - AVX Corporation 0805YC103KA77A Datasheet HTML 8Page - AVX Corporation 0805YC103KA77A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
14
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
16
25
50
10
16
25
50
100
10
16
25
50
100
200
10
16
25
50
100
200
500
Cap
100
A
(pF)
150
A
220
A
C
330
A
C
G
G
J
J
J
J
J
J
K
470
A
C
G
G
J
J
J
J
J
J
K
680
A
C
G
G
J
J
J
J
J
J
K
1000
A
C
G
G
J
J
J
J
J
J
K
1500
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
C
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
C
C
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.010
C
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(µF
0.015
C
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.022
C
G
J
J
J
J
J
M
J
J
J
J
J
M
0.033
G
J
J
J
J
M
J
J
J
J
J
M
0.047
G
G
J
J
J
J
M
J
J
J
J
J
M
0.068
G
J
J
J
J
J
J
J
J
J
P
0.10
G
G
G
J
J
J
J
J
J
J
J
M
0.15
G
J
J
J
J
J
J
J
0.22
G
J
J
M
J
J
J
J
0.33
MM
J
J
M
M
0.47
NM
M
M
M
0.68
NM
M
1.0
NM
M
Q
1.5
P
2.2
Q
3.3
4.7
10
22
47
100
WVDC
16
16
25
50
10
16
25
50
100
10
16
25
50
100
200
10
16
25
50
100
200
500
SIZE
0201
0402
0603
0805
1206
L
W
T
t
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 0805YC103KA77A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YC103KA77A AVX-0805YC103KA77A Datasheet
338Kb / 20P
   General Specifications
0805YC103KA77A AVX-0805YC103KA77A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
0805YC103KA77A AVX-0805YC103KA77A Datasheet
131Kb / 4P
   General Specifications
0805YC103KA77A AVX-0805YC103KA77A Datasheet
148Kb / 4P
   General Specifications
0805YC103KA77A AVX-0805YC103KA77A Datasheet
148Kb / 4P
   General Specifications
More results

Similar Description - 0805YC103KA77A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12104D107MAT2A AVX-12104D107MAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com