Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C32X2-LCE Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS80C32X2-LCE
Description  8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C32X2-LCE Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS80C32X2-LCE Datasheet HTML 3Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 4Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 5Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 6Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 7Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 8Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 9Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 10Page - ATMEL Corporation TS80C32X2-LCE Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
TS8xCx2X2
4184I–8051–02/08
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the
oscillator is running, resets the device. An internal diffused
resistor to VSS permits a power-on reset using only an
external capacitor to VCC.
ALE/PROG
30
33
27
O (I) Address Latch Enable/Program Pulse: Output pulse for
latching the low byte of the address during an access to
external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one
ALE pulse is skipped during each access to external data
memory. This pin is also the program pulse input (PROG)
during EPROM programming. ALE can be disabled by setting
SFR’s AUXR.0 bit. With this bit set, ALE will be inactive
during internal fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program
memory. When executing code from the external program
memory, PSEN is activated twice each machine cycle, except
that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches
from internal program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage:
EA must be externally held low to enable the device to fetch
code from external program memory locations 0000H and
3FFFH (RB) or 7FFFH (RC), or FFFFH (RD). If EA is held
high, the device executes from internal program memory
unless the program counter contains an address greater than
3FFFH (RB) or 7FFFH (RC) EA must be held low for
ROMless devices. This pin also receives the 12.75V
programming supply voltage (VPP) during EPROM
programming. If security level 1 is programmed, EA will be
internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input
to the internal clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP
1.4


Similar Part No. - TS80C32X2-LCE

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2-LCEB TEMIC-TS80C32X2-LCEB Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-LCED TEMIC-TS80C32X2-LCED Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2-LCER TEMIC-TS80C32X2-LCER Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
More results

Similar Description - TS80C32X2-LCE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com