Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0324601VXC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-0324601VXC
Description  Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0324601VXC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-0324601VXC Datasheet HTML 3Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 4Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 5Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 6Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 7Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 8Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 9Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 10Page - ATMEL Corporation 5962-0324601VXC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
TSC695FL
4204C–AERO–05/05
Wait-state and Time-out
Generator
It is possible to control the wait state generation by programming a Waitstate Configura-
tion Register. The maximum programmable number of wait-states is applied by default
at reset.
It is possible to program the number of wait states for the following combinations:
RAM read and write
PROM read and write (i.e. EEPROM or Flash write)
Exchange Memory read/write
Four individual I/O peripherals read/write
Memory Configuration Register
MCNFR
0x 01F8 0010
I/O Configuration Register
IOCNFR
0x 01F8 0014
Waitstate Configuration Register
WSCNFR
0x 01F8 0018
Access Protection Segment 1 Base Register
APS1BR
0x 01F8 0020
Access Protection Segment 1 End Register
APS1ER
0x 01F8 0024
Access Protection Segment 2 Base Register
APS2BR
0x 01F8 0028
Access Protection Segment 2 End Register
APS2ER
0x 01F8 002C
Interrupt Shape Register
INTSHR
0x 01F8 0044
Interrupt Pending Register
INTPDR
0x 01F8 0048
Interrupt Mask Register
INTMKR
0x 01F8 004C
Interrupt Clear Register
INTCLR
0x 01F8 0050
Interrupt Force Register
INTFCR
0x 01F8 0054
Watchdog Timer Register
WDOGTR
0x 01F8 0060
Watchdog Timer Trap Door Set
WDOGST
0x 01F8 0064
Real Time Clock Timer <Counter> Register
RTCCR
0x 01F8 0080
Real Time Clock Timer <Scaler> Register
RTCSR
0x 01F8 0084
General Purpose Timer <Counter> Register
GPTCR
0x 01F8 0088
General Purpose Timer <Scaler> Register
GPTSR
0x 01F8 008C
Timers Control Register
TIMCTR
0x 01F8 0098
General Purpose Interface Configuration Register
GPICNFR
0x 01F8 00A8
General Purpose Interface Data Register
GPIDATR
0x 01F8 00AC
UART ’A’ Rx & Tx Register
UARTAR
0x 01F8 00E0
UART ’B’ Rx & Tx Register
UARTBR
0x 01F8 00E4
UART Status Register
UARTSR
0x 01F8 00E8
Table 2. System Registers Address Map (Continued)
System Register Name
Address


Similar Part No. - 5962-0324601VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0324501QXA TI-5962-0324501QXA Datasheet
2Mb / 133P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
5962-0324501QXA TI1-5962-0324501QXA Datasheet
1Mb / 134P
[Old version datasheet]   FIXD-POINT DIGITAL SIGNAL PROCESSORS
5962-0324501QXA TI1-5962-0324501QXA Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - 5962-0324601VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com