Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7906EKT-E Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T7906EKT-E
Description  Single Point to Point IEEE 1355 High Speed Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT-E Datasheet(HTML) 4 Page - ATMEL Corporation

  T7906EKT-E Datasheet HTML 1Page - ATMEL Corporation T7906EKT-E Datasheet HTML 2Page - ATMEL Corporation T7906EKT-E Datasheet HTML 3Page - ATMEL Corporation T7906EKT-E Datasheet HTML 4Page - ATMEL Corporation T7906EKT-E Datasheet HTML 5Page - ATMEL Corporation T7906EKT-E Datasheet HTML 6Page - ATMEL Corporation T7906EKT-E Datasheet HTML 7Page - ATMEL Corporation T7906EKT-E Datasheet HTML 8Page - ATMEL Corporation T7906EKT-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
Rev. D - 15 January, 2001
TS80C51U2
TS83C51U2
TS87C51U2
5. SFR Mapping
The Special Function Registers (SFRs) of the TS80C51U2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L, RCAP2H
• Serial I/O port registers for UART_0: SADDR_0, SADEN_0, SBUF_0, SCON_0
• Serial I/O port registers for UART_1: SADDR_1, SADEN_1, SBUF_1, SCON_1
• Baud Rate Generator registers: BRL, BDRCON, BDRCON_1
• Power and clock control registers: PCON
• HDW Watchdog Timer Reset: WDTRST, WDTPRG
• Interrupt system registers: IE, IP, IPH
• Others: AUXR, CKCON
Table 2. All SFRs with their address and their reset value
Bit
address-
able
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8h
DFh
D0h
PSW
0000 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
SCON_1
0000 0000
SBUF_1
XXXX XXXX
C7h
B8h
IP
X000 0000
SADEN_0
0000 0000
SADEN_1
0000 0000
BFh
B0h
P3
1111 1111
IPH
X000 0000
B7h
A8h
IE
0X00 0000
SADDR_0
0000 0000
SADDR_1
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX XXX0
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
A7h
98h
SCON_0
0000 0000
SBUF_0
XXXX XXXX
BRL
0000 0000
BDRCON
0XXX 0000
BDRCON_1
0X00 00XX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
00XX XXX0
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved


Similar Part No. - T7906EKT-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906EKT-E ATMEL-T7906EKT-E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
More results

Similar Description - T7906EKT-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E Datasheet
292Kb / 31P
   Tripple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
   Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com