Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7906E Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T7906E
Description  Single Point to Point IEEE 1355 High Speed Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906E Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T7906E_07 Datasheet HTML 3Page - ATMEL Corporation T7906E_07 Datasheet HTML 4Page - ATMEL Corporation T7906E_07 Datasheet HTML 5Page - ATMEL Corporation T7906E_07 Datasheet HTML 6Page - ATMEL Corporation T7906E_07 Datasheet HTML 7Page - ATMEL Corporation T7906E_07 Datasheet HTML 8Page - ATMEL Corporation T7906E_07 Datasheet HTML 9Page - ATMEL Corporation T7906E_07 Datasheet HTML 10Page - ATMEL Corporation T7906E_07 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Rev. D - 15 January, 2001
7
TS80C51U2
TS83C51U2
TS87C51U2
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
DIL
LCC
VQFP 1.4
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC. If the hardware watchdog reaches its
time-out, the reset pin becomes an output during the time the internal reset is
activated.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte
of the address during an access to external memory. In normal operation, ALE
is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. This pin is also the program
pulse input (PROG) during EPROM programming. ALE can be disabled by
setting SFR’s AUXR.0 bit. With this bit set, ALE will be inactive during internal
fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally
held low to enable the device to fetch code from external program memory
locations 0000H and 3FFFH (RB) or 7FFFH (RC), or FFFFH (RD). If EA is
held high, the device executes from internal program memory unless the program
counter contains an address greater than 3FFFH (RB) or 7FFFH (RC) EA must
be held low for ROMless devices. This pin also receives the 12.75V programming
supply voltage (VPP) during EPROM programming. If security level 1 is
programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
RxD_1
-
12
6
I
Serial Input for UART_1. For 44-pin package only.
TxD_1
-
34
28
O
Serial Ouput for UART_1. This pin is pulled up by a 100K resistor when not
selected. For 44-pin package only.
Table 3. Pin Description for 40/44 pin packages


Similar Part No. - T7906E_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906EDD-E ATMEL-T7906EDD-E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EDDMQ ATMEL-T7906EDDMQ Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EDDSV ATMEL-T7906EDDSV Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EKST/883 ATMEL-T7906EKST/883 Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EKT ATMEL-T7906EKT Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
More results

Similar Description - T7906E_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E Datasheet
292Kb / 31P
   Tripple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
   Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com