Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-AT7909E Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PS-AT7909E
Description  MICROCIRCUIT, DIGITAL, CMOS, MONOLITHIC SILICON SINGLE CHIP TELEMETRY AND TELECOMMAND AT7909E
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PS-AT7909E Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PS-AT7909E Datasheet HTML 7Page - ATMEL Corporation PS-AT7909E Datasheet HTML 8Page - ATMEL Corporation PS-AT7909E Datasheet HTML 9Page - ATMEL Corporation PS-AT7909E Datasheet HTML 10Page - ATMEL Corporation PS-AT7909E Datasheet HTML 11Page - ATMEL Corporation PS-AT7909E Datasheet HTML 12Page - ATMEL Corporation PS-AT7909E Datasheet HTML 13Page - ATMEL Corporation PS-AT7909E Datasheet HTML 14Page - ATMEL Corporation PS-AT7909E Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PS-AT7909E
Rev A
Sheet 11 / 20
FIGURE 2. Terminal connections.
Pin
Signal name
Pin
Signal name
Pin
Signal name
Pin
Signal name
1
Vss[8]
51
Vdd[2]
101
TestSignalIn[2]
151
PdecClcwSamp[0]
2
MemD[12]
52
MemA[4]
102
TestSignalIn[3]
152
TmeSIn[E]
3
MemD[11]
53
MemA[3]
103
TmClk1
153
PdecClcwClk[0]
4
MemD[10]
54
MemA[2]
104
TmClk2
154
TmeSClk[E]
5
Vdd[8]
55
Vss[1]
105
SysClk
155
TmeSRdy[E]
6
MemD[9]
56
MemA[1]
106
PoResetN
156
TmeSRdy[D]
7
Vss[18]
57
Vss[19]
107
PdecTcIn[5]
157
TmeSValid[D]
8
Vdd[18]
58
Vdd[19]
108
PdecTcClk[5]
158
TmeSIn[D]
9
MemD[8]
59
MemA[0]
109
PdecTcAct[5]
159
TmeSClk[D]
10
MemD[7]
60
Vdd[1]
110
PdecTcIn[4]
160
Vss[14]
11
MemD[6]
61
MemSize16
111
PdecTcClk[4]
161
TmeSRdy[C]
12
MemD[5]
62
TestSignalIn[1]
112
PdecTcAct[4]
162
TmeSValid[C]
13
MemD[4]
63
TestMode
113
PdecTcIn[3]
163
TmeSIn[C]
14
MemD[3]
64
TestSE
114
PdecTcClk[3]
164
TmeSClk[C]
15
Vss[7]
65
JtagTdo
115
PdecTcAct[3]
165
ExtCpduIfAbort
16
TestSignalIn[6]
66
JtagTdi
116
PdecTcIn[2]
166
TmeSValid[B]
17
MemD[2]
67
JtagTms
117
PdecTcClk[2]
167
ExtCpduIfValid
18
MemD[1]
68
JtagTRstN
118
Vss[15]
168
ExtCpduIfRdy
19
Vdd[7]
69
JtagTck
119
PdecTcAct[2]
169
ExtCpduIfData
20
MemD[0]
70
PdecMapGenA[5]
120
PdecTcIn[1]
170
TmeSIn[B]
21
MemCs3N
71
Vss[20]
121
Vss[21]
171
ExtCpduIfClk
22
Vss[6]
72
Vdd[20]
122
Vdd[21]
172
TmeSClk[B]
23
PdecTcPrior
73
PdecMapGenA[4]
123
PdecTcClk[1]
173
TmeSRdy[B]
24
MemCs2N
74
PdecMapGenA[3]
124
Vdd[15]
174
TmeSRdy[A]
25
MemCs0N
75
PdecMapGenA[2]
125
PdecTcAct[1]
175
TmeSValid[A]
26
Vdd[6]
76
PdecMapGenA[1]
126
PdecTcIn[0]
176
TmeSIn[A]
27
MemOEN
77
PdecMapGenA[0]
127
PdecTcClk[0]
177
TmeSClk[A]
28
MemWEN
78
Vss[17]
128
PdecTcAct[0]
178
TmeEnable
29
Vss[5]
79
PdecMapDtr[5]
129
PdecClcwD[1]
179
Vdd[14]
30
MemA[19]
80
PdecMapDsr[5]
130
PdecClcwSamp[1]
180
TmeTimeStrb
31
MemA[18]
81
PdecMapDtr[4]
131
PdecClcwClk[1]
181
TmeUnEncSync
32
Vdd[5]
82
PdecMapDsr[4]
132
PdecMapSwitch
182
TmeUnEncClk
33
MemA[17]
83
Vdd[17]
133
TmeSValid[H]
183
Vss[13]
34
MemA[16]
84
PdecMapDtr[3]
134
PdecAuEnable
184
TmeUnEncOut
35
Vss[4]
85
PdecMapDsr[3]
135
Vss[22]
185
Vss[23]
36
MemA[15]
86
PdecMapDtr[2]
136
Vdd[22]
186
Vdd[23]
37
MemA[14]
87
PdecMapDsr[2]
137
TmeSIn[H]
187
Vdd[13]
38
Vdd[4]
88
PdecMapDtr[1]
138
TmeSClk[H]
188
TmeEncOut
39
MemA[13]
89
PdecMapDsr[1]
139
TmeSRdy[H]
189
TmeEncClk
40
MemA[12]
90
PdecMapDtrG
140
TmeSValid[G]
190
TmeEncIOut
41
MemA[11]
91
PdecMapDsrG
141
TestSignalIn[4]
191
TmeEncQOut
42
Vss[3]
92
PdecMapData
142
TmeSIn[G]
192
TmeEncIQClk
43
MemA[10]
93
PdecMapClk
143
TmeSClk[G]
193
Vss[12]
44
Vdd[3]
94
PdecRfAvN[3]
144
TmeSRdy[G]
194
TmeClcwSamp
45
MemA[9]
95
PdecRfAvN[2]
145
TmeSValid[F]
195
TmeClcwClk
46
MemA[8]
96
Vss[16]
146
TmeSIn[F]
196
TmeClcwD[3]
47
MemA[7]
97
PdecMapAdt
147
TmeSRdy[F]
197
TmeClcwD[2]
48
Vss[2]
98
PdecRfAvN[1]
148
TmeSClk[F]
198
TmeClcwD[1]


Similar Part No. - PS-AT7909E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PS-AT17LV010 ATMEL-PS-AT17LV010 Datasheet
137Kb / 15P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 1 MEGABIT SERIAL EEPROM, MONOLITHIC SILICON
PS-AT65609EHW ATMEL-PS-AT65609EHW Datasheet
532Kb / 30P
   MICROCIRCUIT, DIGITAL, MEMORY, 8K x 8-Bit, 5V Very Low Power CMOS SRAM, MONOLITHIC SILICON
More results

Similar Description - PS-AT7909E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-9314401MZC ETC-5962-9314401MZC Datasheet
266Kb / 27P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, UV ERASABLE CMOS, UV ERASABLE MONOLITHIC SILICON
logo
ATMEL Corporation
PS-AT17LV010 ATMEL-PS-AT17LV010 Datasheet
137Kb / 15P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 1 MEGABIT SERIAL EEPROM, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-8866 ETC2-5962-8866 Datasheet
170Kb / 22P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 32K X 8 STATIC RAM (SRAM), MONOLITHIC SILICON
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
logo
List of Unclassifed Man...
AD7547JRZ ETC-AD7547JRZ Datasheet
134Kb / 12P
   MICROCIRCUIT, LIINEAR, DUAL, CMOS, 12-BIT, D/A CONVERTER, MONOLITHIC SILICON
logo
ATMEL Corporation
PS-AT65609EHW ATMEL-PS-AT65609EHW Datasheet
532Kb / 30P
   MICROCIRCUIT, DIGITAL, MEMORY, 8K x 8-Bit, 5V Very Low Power CMOS SRAM, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
5962-90737 ETC1-5962-90737 Datasheet
138Kb / 15P
   MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com