Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5771 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA5771
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5771 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA5771 Datasheet HTML 1Page - ATMEL Corporation ATA5771 Datasheet HTML 2Page - ATMEL Corporation ATA5771 Datasheet HTML 3Page - ATMEL Corporation ATA5771 Datasheet HTML 4Page - ATMEL Corporation ATA5771 Datasheet HTML 5Page - ATMEL Corporation ATA5771 Datasheet HTML 6Page - ATMEL Corporation ATA5771 Datasheet HTML 7Page - ATMEL Corporation ATA5771 Datasheet HTML 8Page - ATMEL Corporation ATA5771 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 284 page
background image
3
9137A–RKE–10/08
ATA5771/ATA5773/ATA5774
Figure 1-2.
FSK System Block Diagram
UHF ASK/FSK
Remote Control Receiver
UHF ASK/FSK
Remote Control Transmitter
ATA5771/73/74
Antenna
Loop
Antenna
VS
VS
1 to 6
Micro-
controller
Demod
VCC_RF
GND_RF
PA_ENABLE
ATtiny44
T5750
T5753
T5754
ATA5760
ATA5761
ATA5723
ATA5724
ATA5728
ATA5745
ATA5746
ENABLE
Control
XTO
PLL
VCO
LNA
XTO
PA
VCO
f/4
PLL
Power
up/down
ANT1
ANT2
PXY
S1
S1
S1
PXY
PXY
PXY
PXY
PXY
PXY
VDD
GND
PXY
PXY
PXY
PXY
PXY
CLK
VS


Similar Part No. - ATA5771

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5771 ATMEL-ATA5771 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
3Mb / 219P
   Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
ATA5771-PXQW ATMEL-ATA5771-PXQW Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771_09 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771_10 Datasheet
3Mb / 219P
   Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
More results

Similar Description - ATA5771

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com