Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256CY7-YH-T Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C256CY7-YH-T
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256CY7-YH-T Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C256CY7-YH-T Datasheet HTML 7Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 8Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 9Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 10Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 11Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 12Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 13Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 14Page - ATMEL Corporation AT24C256CY7-YH-T Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AT24C256C
11
8568A–SEEPR–11/08
6.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the
device address word is set to “1”. There are three read operations: current address read, random address read, and
sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the
last read or write operation, incremented by one. This address stays valid between operations as long as the chip
power is maintained. The address “roll over” during read is from the last byte of the last memory page, to the first byte
of the first page.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged by the EEPROM, the
current address data word is serially clocked out. The microcontroller does not respond with an input “0” but does
generate a following stop condition (refer to Figure 11).
Figure 11.
Current Address Read
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller
must generate another start condition. The microcontroller now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the
data word. The microcontroller does not respond with a “0” but does generate a following stop condition. (Refer to
Figure 12)
Figure 12.
Random Read
Note:
* = DON’T CARE bit


Similar Part No. - AT24C256CY7-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C ATMEL-AT24C256C Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C256CY7-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com