Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320B-TH-T Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25320B-TH-T
Description  SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320B-TH-T Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25320B-TH-T Datasheet HTML 5Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 6Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 7Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 8Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 9Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 10Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 11Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 12Page - ATMEL Corporation AT25320B-TH-T Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
8535B–SEEPR–7/08
AT25320B/640B
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin
through the use of the Write Protect Enable (WPEN) bit. Hardware write protection is enabled
when the WP pin is low and the WPEN bit is “1”. Hardware write protection is disabled when
either the WP pin is high or the WPEN bit is “0”. When the device is hardware write protected,
writes to the status register, including the block protect bits and the WPEN bit, and the block-pro-
tected sections in the memory array are disabled. Writes are only allowed to sections of the
memory that are not block-protected.
NOTE: When the WPEN bit is hardware write protected, it cannot be changed back to “0” as
long as the WP pin is held low.
READ SEQUENCE (READ): Reading the AT25320B/640B via the Serial Output (SO) pin
requires the following sequence. After the CS line is pulled low to select a device, the read op-
code is transmitted via the SI line followed by the byte address to be read (A15A0, see Table 2-
6). Upon completion, any data on the SI line will be ignored. The data (D7D0) at the specified
address is then shifted out onto the SO line. If only one byte is to be read, the CS line should be
driven high after the data comes out. The read sequence can be continued since the byte
address is automatically incremented and data will continue to be shifted out. When the highest
address is reached, the address counter will roll over to the lowest address allowing the entire
memory to be read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25320B/640B, two separate instruc-
tions must be executed. First, the device must be write enabled via the WREN instruction.
Then a write (WRITE) instruction may be executed. Also, the address of the memory location(s)
to be programmed must be outside the protected address field location selected by the block
write protection level. During an internal write cycle, all commands will be ignored except the
RDSR instruction.
Table 2-4.
Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25320B
AT25640B
0
0
0
None
None
1(1/4)
0
1
0C00
−0FFF
1800
−1FFF
2(1/2)
1
0
0800
−0FFF
1000
−1FFF
3(All)
1
1
0000
−0FFF
0000
−1FFF
Table 2-5.
WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writeable
Writeable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writeable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writeable
Writeable


Similar Part No. - AT25320B-TH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320B-CUL-T ATMEL-AT25320B-CUL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-MAHL-T ATMEL-AT25320B-MAHL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-MEHL-T ATMEL-AT25320B-MEHL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-SSHL-B ATMEL-AT25320B-SSHL-B Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-SSHL-T ATMEL-AT25320B-SSHL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results

Similar Description - AT25320B-TH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com