Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256C Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C256C
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C256C Datasheet HTML 6Page - ATMEL Corporation AT24C256C Datasheet HTML 7Page - ATMEL Corporation AT24C256C Datasheet HTML 8Page - ATMEL Corporation AT24C256C Datasheet HTML 9Page - ATMEL Corporation AT24C256C Datasheet HTML 10Page - ATMEL Corporation AT24C256C Datasheet HTML 11Page - ATMEL Corporation AT24C256C Datasheet HTML 12Page - ATMEL Corporation AT24C256C Datasheet HTML 13Page - ATMEL Corporation AT24C256C Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
AT24C256C
8568A–SEEPR–11/08
5.
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a “0” and then clock in the first
8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a “0”. The addressing device, such as
a microcontroller, must then terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally-timed write cycle, t
WR,
to the nonvolatile memory. All inputs are disabled during this write cycle and the
EEPROM will not respond until the write is complete (refer to Figure 9).
Figure 9.
Byte Write
Note:
* = DON’T CARE bit
PAGE WRITE: The 256K EEPROM is capable of 64-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the
first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller
can transmit up to 63 more data words. The EEPROM will respond with a “0” after each data word received. The
microcontroller must terminate the page write sequence with a stop condition (refer to Figure 10).
Figure 10.
Page Write
Note:
* = DON’T CARE bit
The data word address lower six bits are internally incremented following the receipt of each data word. The higher
data word address bits are not incremented, retaining the memory page row location. When the word address,
internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If
more than 64 data words are transmitted to the EEPROM, the data word address will “roll over” and previous data will
be overwritten. The address “roll over” during write is from the last byte of the current page to the first byte of the same
page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled,
acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM
respond with a “0”, allowing the read or write sequence to continue.


Similar Part No. - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C ATMEL-AT24C256C Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com