Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2K7 Datasheet(PDF) 4 Page - Texas Instruments

Part # 2K7
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

2K7 Datasheet(HTML) 4 Page - Texas Instruments

  2K7 Datasheet HTML 1Page - Texas Instruments 2K7 Datasheet HTML 2Page - Texas Instruments 2K7 Datasheet HTML 3Page - Texas Instruments 2K7 Datasheet HTML 4Page - Texas Instruments 2K7 Datasheet HTML 5Page - Texas Instruments 2K7 Datasheet HTML 6Page - Texas Instruments 2K7 Datasheet HTML 7Page - Texas Instruments 2K7 Datasheet HTML 8Page - Texas Instruments 2K7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
THERMAL IMPEDANCE RATINGS
RECOMMENDED OPERATING CONDITIONS
(1) (2)
TXB0104
SCES650D – APRIL 2006 – REVISED MAY 2008.............................................................................................................................................................. www.ti.com
UNIT
D package(1)
86
GXU/ZXU package(1)
129
θ
JA
Package thermal impedance
PW package(1)
113
°C/W
RGY package(2)
47
YZT package
90
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
(2)
The package thermal impedance is calculated in accordance with JESD 51-5.
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.2
3.6
Supply voltage
V
VCCB
1.65
5.5
Data inputs
1.2 V to 3.6 V
1.65 V to 5.5 V
VCCI × 0.65
(3)
VCCI
VIH
High-level input voltage
V
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
VCCA × 0.65
5.5
Data inputs
1.2 V to 5.5 V
1.65 V to 5.5 V
0
VCCI × 0.35
(3)
VIL
Low-level input voltage
V
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
0
VCCA × 0.35
Voltage range applied to any A-port
0
3.6
VO
output in the high-impedance
1.2 V to 3.6 V
1.65 V to 5.5 V
V
B-port
0
5.5
or power-off state
A-port inputs
1.2 V to 3.6 V
1.65 V to 5.5 V
40
Input transition
Δt/Δv
1.65 V to 3.6 V
40
ns/V
rise or fall rate
B-port inputs
1.2 V to 3.6 V
4.5 V to 5.5 V
30
TA
Operating free-air temperature
–40
85
°C
(1)
The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at VCCI or both at GND.
(2)
VCCA must be less than or equal to VCCB and must not exceed 3.6 V.
(3)
VCCI is the supply voltage associated with the input port.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0104


Similar Part No. - 2K7

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2K7594 NJSEMI-2K7594 Datasheet
98Kb / 1P
   Quality Semi-Conductors
More results

Similar Description - 2K7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com