Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT68166F-YS18-SR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT68166F-YS18-SR
Description  Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F-YS18-SR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT68166F-YS18-SR Datasheet HTML 7Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 8Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 9Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 10Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 11Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 12Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 13Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 14Page - ATMEL Corporation AT68166F-YS18-SR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
7747A–AERO–07/07
AT68166F/G
Read Cycle
Table 5. Read cycle timings(1)
Notes:
1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode.
2. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Waveforms” on page 9.)
Figure 10. Read Cycle nb 1: Address Controlled (CS = OE = VIL, WE = VIH)
Symbol
Parameter
AT68166F-20
AT68166F-18
Unit
min
max
min
max
TAVAV
Read cycle time
20
-
18
-
ns
TAVQV
Address access time
-
20
-
18
ns
TAVQX
Address valid to low Z
5
-
5
-
ns
TELQV
Chip-select access time
-
20
-
18
ns
TELQX
CS low to low Z(2)
5
-
5
-
ns
TEHQZ
CS high to high Z(2)
-
9
-
8
ns
TGLQV
Output Enable access time
-
11
-
8
ns
TGLQX
OE low to low Z(2)
2
-
2
-
ns
TGHQZ
OE high to high Z (2)
-
9
-
8
ns
ADDRESS
DOUT


Similar Part No. - AT68166F-YS18-SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YM25-SCC ATMEL-AT68166FT-YM25-SCC Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
More results

Similar Description - AT68166F-YS18-SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
logo
White Electronic Design...
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com