Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61200DRC Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61200DRC
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61200DRC Datasheet(HTML) 1 Page - Texas Instruments

  TPS61200DRC Datasheet HTML 1Page - Texas Instruments TPS61200DRC Datasheet HTML 2Page - Texas Instruments TPS61200DRC Datasheet HTML 3Page - Texas Instruments TPS61200DRC Datasheet HTML 4Page - Texas Instruments TPS61200DRC Datasheet HTML 5Page - Texas Instruments TPS61200DRC Datasheet HTML 6Page - Texas Instruments TPS61200DRC Datasheet HTML 7Page - Texas Instruments TPS61200DRC Datasheet HTML 8Page - Texas Instruments TPS61200DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
(3,25 mm x 3,25 mm)
1
FEATURES
APPLICATIONS
DESCRIPTION
L
VIN
EN
UVLO
PS
GND
PGND
FB
VAUX
VOUT
TPS61200
VIN
0.3Vto5.5V
VOUT
1.8Vto5.5V
10
F
m
10
F
m
2.2
H
m
0.1
F
m
C
1
C
2
C
3
L
1
R1
R2
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
www.ti.com
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER
WITH 1.3-A SWITCHES
• Power Save Mode for Improved Efficiency at
Low Output Power
2
• More than 90% Efficiency at
• Forced fixed Frequency Operation possible
300 mA Output Current at 3.3 V
(VIN
≥ 2.4 V)
• Load Disconnect During Shutdown
600 mA Output Current at 5 V (VIN
≥ 3 V)
• Overtemperature Protection
• Automatic Transition between Boost Mode and
• Small 3 mm x 3 mm QFN-10 Package
Down Conversion Mode
• Device Quiescent Current less than 55 µA
• All Single-Cell, Two-Cell and Three-Cell
• Startup into Full Load at 0.5 V Input Voltage
Alkaline, NiCd or NiMH or Single-Cell Li
• Operating Input Voltage Range from
Battery Powered Products
0.3 V to 5.5 V
• Fuel Cell And Solar Cell Powered Products
• Programmable Undervoltage Lockout
• Portable Audio Players
Threshold
• PDAs
• Output Short Circuit Protection Under all
• Cellular Phones
Operating Conditions
• Personal Medical Products
• Fixed and Adjustable Output Voltage Options
• White LED's
from 1.8 V to 5.5 V
The TPS6120x devices provide a power supply solution for products powered by either a single-cell, two-cell, or
three-cell alkaline, NiCd or NiMH, or one-cell Li-Ion or Li-polymer battery. It is also used in fuel cell or solar cell
powered devices where the capability of handling low input voltages is essential. Possible output currents are
depending on the input to output voltage ratio. The devices provides output currents up to 600 mA at a 5-V
output while using a single-cell Li-Ion or Li-Polymer battery, and discharge it down to 2.5 V. The boost converter
is based on a fixed frequency, pulse-width-modulation (PWM) controller using synchronous rectification to obtain
maximum efficiency. At low load currents, the converter enters the Power Save mode to maintain a high
efficiency over a wide load current range. The Power Save mode can be disabled, forcing the converter to
operate at a fixed switching frequency. The maximum average input current is limited to a value of 1500 mA. The
output voltage can be programmed by an external resistor divider, or is fixed internally on the chip. The converter
can be disabled to minimize battery drain. During shutdown, the load is completely disconnected from the
battery. The device is packaged in a 10-pin QFN PowerPAD™ package (DRC) measuring 3 mm x 3 mm.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61200DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200DRC TI-TPS61200DRC Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCRG4 TI-TPS61200DRCRG4 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61200DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com