Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72T372J4T1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72T372J4T1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T372J4T1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72T372J4T1 Datasheet HTML 5Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 6Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 7Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 8Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 9Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 10Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 11Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 12Page - STMicroelectronics ST72T372J4T1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
9/94
ST72371/ST72372
1.3 MEMORY MAP
Figure 5. Program Memory Map
Table 3. Interrupt Vector Map
Vector Address
Description
Remarks
FFE0-FFE1h
FFE2-FFE3h
FFE4-FFE5h
FFE6-FFE7h
FFE8-FFE9h
FFEA-FF EBh
FFEC-FFEDh
FFEE-FFEF h
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFB h
FFFC-FFFDh
FFFE-FFFFh
Reserved
SCI Interrupt Vector
I2C Interrupt Vector
Timer Overflow Interrupt Vector
Timer Output Compare Interrupt Vector
Timer Input Capture Interrupt Vector
Reserved
EI4 Interrupt Vector
EI0 Interrupt Vector
EI1 Interrupt Vector
EI2 Interrupt Vector
EI3 Interrupt Vector
Reserved
Reserved
TRAP Interrupt Vector
RESET Vector
Internal Interrupts
External Interrupts
Software Interrupt
CPU Interrupt
0000h
512 Bytes
Interrupt & Reset Vectors
HW Registers
0080h
Short Addressing
RAM (zero page)
16-bit
256 Bytes Stack or
007Fh
Reserved
0100h
01FFh
0080h
(see Table 4)
C000h
FFDFh
FFE0h
FFFFh
(see Table 3)
16K Bytes
ROM/OTP/EP ROM
BFFFh
027Fh
027Fh
0200h
0280h
Addressing RAM
16-bit
Addressing RAM
RAM
9


Similar Part No. - ST72T372J4T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72T37X STMICROELECTRONICS-ST72T37X Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Similar Description - ST72T372J4T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
NXP Semiconductors
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
logo
STMicroelectronics
ST90E27 STMICROELECTRONICS-ST90E27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com