Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT68166F-YM20-E Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT68166F-YM20-E
Description  Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F-YM20-E Datasheet(HTML) 1 Page - ATMEL Corporation

  AT68166F-YM20-E Datasheet HTML 1Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 2Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 3Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 4Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 5Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 6Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 7Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 8Page - ATMEL Corporation AT68166F-YM20-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
16 Mbit SRAM Multi Chip Module
Allows 32-, 16- or 8-bit access configuration
Operating Voltage: 3.3V + 0.3V
Access Time
– 20 ns, 18 ns for AT68166F
– <18 ns for AT68166G (in development prototypes in Q4 2007)
Power Consumption
– Active: 620 mW per byte (Max) @ 18ns - 415 mW per byte (Max) @ 50ns (1)
– Standby: 13 mW (Typ)
Military Temperature Range: -55 to +125°C
TTL-Compatible Inputs and Outputs
Asynchronous
Die manufactured on Atmel 0.25 µm Radiation Hardened Process
No Single Event Latch Up below LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 300 krads (Si) according to MIL-STD-883 Method 1019
ESD Better than 4000V
Quality Grades:
– QML-Q or V with SMD 5962-06229
– ESCC
950 Mils Wide MQFP 68 Package
Mass : 8.5 grams
Note:
1. Only for AT68166F-18. 450mW for AT68166F-20.
Description
The AT68166F/G is a 16Mbit SRAM packaged in a hermetic Multi Chip Module
(MCM) for space applications.
The AT68166F/G MCM incorporates four 4Mbit AT60142FT SRAM dice. It can be
organized as either one bank of 512Kx8, two banks of 512Kx16 or four banks of
512Kx8. It combines rad-hard capabilities, a latch-up threshold of 80MeV.cm²/mg, a
Multiple Bit Upset immunity and a total dose tolerance of 300Krads, with a fast access
time.
The MCM packaging technology allows a reduction of the PCB area by 50% with a
weight savings of 75% compared to four 4Mbit packages.
Thanks to the small size of the 4Mbit SRAM die, Atmel has been able to accommo-
date the assembly of the four dice on one side of the package which facilitates the
power dissipation.
The compatibility with other products allows designers to easily migrate to the Atmel
AT68166F/G memory.
The AT68166F/G is powered at 3.3V.
The AT68166F/G is processed according to the test methods of the latest revision of
the MIL-PRF-38535 or the ESCC 9000.
7747A–AERO–07/07
Rad Hard
16 MegaBit
3.3V
SRAM Multi-
Chip Module
AT68166F
AT68166G


Similar Part No. - AT68166F-YM20-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT-YM25-E ATMEL-AT68166FT-YM25-E Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT-YM25-SCC ATMEL-AT68166FT-YM25-SCC Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
More results

Similar Description - AT68166F-YM20-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
logo
White Electronic Design...
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com