Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB6020 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB6020_08 Datasheet HTML 1Page - Texas Instruments TUSB6020_08 Datasheet HTML 2Page - Texas Instruments TUSB6020_08 Datasheet HTML 3Page - Texas Instruments TUSB6020_08 Datasheet HTML 4Page - Texas Instruments TUSB6020_08 Datasheet HTML 5Page - Texas Instruments TUSB6020_08 Datasheet HTML 6Page - Texas Instruments TUSB6020_08 Datasheet HTML 7Page - Texas Instruments TUSB6020_08 Datasheet HTML 8Page - Texas Instruments TUSB6020_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
www.ti.com
23
• USB On-the-Go (OTG) Controller Core
• Integrated USB 2.0 OTG PHY
Uses Mentor Graphics USB 2.0 OTG Core
Fully Compliant with USB 2.0 Standard and
USB 2.0 Transceiver Macrocell Interface
Dual-Role Controller Can Operate Either as
(UTMI) Revision 1.05
a Function Controller for a USB Peripheral
or as the Host/Peripheral in Point-to-Point
Optimized One-Port Operation at Low
or Multipoint Communications With Other
Speed (1.5 Mbps), Full Speed (12 Mbps),
USB Functions
and High Speed (480 Mbps)
Compliant With the USB 2.0 Standard for
Supports UTMI+3 Level 3 (Host and OTG
High-Speed (480-Mbps) Functions and With
Devices, High/Full/Low Speed and
OTG Supplement to USB 2.0 Specification
Preamble Packet)
Supports OTG Communications With One
Protection Circuitry to Withstand Possible
or More High-, Full-, or Low-Speed Devices
VBUS Short
Supports Session Request Protocol (SRP)
Use 19.200-MHz or 24.000-MHz Reference
and Host Negotiation Protocol (HNP)
Clock Input as a Crystal or External Clock
Driver
Supports Suspend-and-Resume Signaling
At-Speed Built-In Self Test (BIST) With
Configurable for up to 4 Transmit
Internal Asynchronous Capability Through
Endpoints or up to 4 Receive Endpoints
Loopback
Configurable FIFOs, Including the Option of
On-Chip Integrated Accurate 45-
Dynamic FIFO Sizing
High-Speed Termination, 1.5-k
Ω Pullup, and
16k-Byte RAM for USB Endpoint FIFO
15-k
Ω Pulldown Resistors
Shared by USB In/Out Endpoints
On-Chip Phase-Locked Loop (PLL) to
Support for External Direct Memory Access
Reduce Noise on High-Speed Clocks
(DMA) to FIFOs
Active Power Consumption Less Than
Soft Connect/Disconnect Option
100 mW
Performs All Transaction Scheduling in
• VLYNQ 2.0 Interface to External Host
Hardware
Controller
• System Control Module
High-Speed (150-MHz) Point-to-Point Serial
Controls Clock and Reset Generation and
Interface for Direct Connection to Other
Distribution
VLYNQ Interface
Controls and Observes Device Power
Supports 4 Receive (RX) and 4 Transmit
States
(TX) Lines
Supports External Power Management
Memory-Mapped Master/Slave
Hardware Flow Control Internal Loopback
Mode
Multichannel DMA Controller
Integrated List Processor Capable of
Parsing Communications Port
Programming Interface (CPPI)
3.0-Compliant Buffer Descriptors
• High-Performance 80-Pin
MicroStar BGA™/MicroStar Junior™
ZQE Package
• High-Performance 80-Pin PFC Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, MicroStar Junior are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB6020_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020ZQE TI-TUSB6020ZQE Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
More results

Similar Description - TUSB6020_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6010B TI1-TUSB6010B Datasheet
544Kb / 7P
[Old version datasheet]   USB2.0 High Speed (HS) On-the-Go (OTG) Dual Role Controller
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com