Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

930105201 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 930105201
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930105201 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 930105201 Datasheet HTML 2Page - ATMEL Corporation 930105201 Datasheet HTML 3Page - ATMEL Corporation 930105201 Datasheet HTML 4Page - ATMEL Corporation 930105201 Datasheet HTML 5Page - ATMEL Corporation 930105201 Datasheet HTML 6Page - ATMEL Corporation 930105201 Datasheet HTML 7Page - ATMEL Corporation 930105201 Datasheet HTML 8Page - ATMEL Corporation 930105201 Datasheet HTML 9Page - ATMEL Corporation 930105201 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
AT60142FT
7726A–AERO–07/07
Data Retention Mode
Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage
and supply current are guaranteed over temperature. The following rules insure data
retention:
1.
During data retention chip select CS must be held high within V
CC to VCC -0.2V.
2.
Output Enable (OE) should be held high to keep the RAM outputs high imped-
ance, minimizing power dissipation.
3.
During power-up and power-down transitions CS and OE must be kept between
VCC + 0.3V and 70% of VCC.
4.
The RAM can begin operation > tR ns after VCC reaches the minimum operation
voltages (3V).
Figure 1. Data Retention Timing
Data Retention Characteristics
Parameter
Description
Min
Typ TA = 25°C
Max
Unit
VCCDR
VCC for data retention
2.0
V
tCDR
Chip deselect to data
retention time
0.0
ns
tR
Operation recovery
time
tAVAV
(1)
1.
TAVAV = Read cycle time.
ns
ICCDR
(2)
2.
CS = VCC, VIN = GND/VCC.
Data retention current
0.700
1.5 (AT60142FT-15)
mA
1.3 (AT60142FT-17)


Similar Part No. - 930105201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results

Similar Description - 930105201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com