Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT7911E Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT7911E
Description  Triple SpaceWire links High Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT7911E Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT7911E Datasheet HTML 4Page - ATMEL Corporation AT7911E Datasheet HTML 5Page - ATMEL Corporation AT7911E Datasheet HTML 6Page - ATMEL Corporation AT7911E Datasheet HTML 7Page - ATMEL Corporation AT7911E Datasheet HTML 8Page - ATMEL Corporation AT7911E Datasheet HTML 9Page - ATMEL Corporation AT7911E Datasheet HTML 10Page - ATMEL Corporation AT7911E Datasheet HTML 11Page - ATMEL Corporation AT7911E Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
7737B–AERO–05/08
AT7911E
In the protocol mode an additional FIFO (acknowledge FIFO) is used to decouple sending of
acknowledges from receiving new data when the transmit path is currently occupied by a run-
ning packet transmission.
4.1.1.3
Command Execution Unit
This unit performs activating resp. deactivating of the CPU reset and the specific external sig-
nals and provides the capability to reset one or all links inside the AT7911E, all actions
requested by the decoded commands from the protocol execution unit.
The unit contains a register controlling the enable/disable state of safety critical commands
which is set into the 'enable' state upon command request and which is reset after a safety criti-
cal command has been executed.
The CPU reset and the specific external signals are forwarded to the Protocol Command Inter-
face (PRCI).
4.2
Communication Memory Interface (COMI)
The COMI performs autonomous accesses to the communication memory of the module to store
data received via the links or to read data to be transmitted via the links. The COMI consists of
individual memory address generators for the receive and transmit direction of every SpaceWire
link channel. The access to the memory is controlled via an arbitration unit providing a fair arbi-
tration scheme. Two AT7911E can share one DPRAM without external arbitration logic.
The data bus width is scalable (8/16/32 bit) to allow flexible integration with any CPU type.
Operation in little or big endian mode is configurable through internal registers.
The COMI address bus is 16 bit wide allowing direct access of up to 64K words (32 bits) of the
DPRAM. Two chip select signals are provided to allow splitting of the 64k address space in two
memory banks.
4.3
Host Control Interface (HOCI)
The HOCI gives read and write access to the AT7911E configuration registers and to the
SpaceWire channels for the controlling CPU. Viewed from the CPU, the interface behaves like a
peripheral that generates acknowledges to synchronize the data transfers and which is located
somewhere in the CPU's address space.
Packets can be transmitted or received directly via the HOCI. In this case the Communication
Memory (DPRAM) is not strictly needed. However, in this case the packet size should be limited
to avoid frequent CPU interaction.
The data bus width is scalable (8/16/32 bit) to allow flexible integration with any CPU type. The
byte alignment can be configured for little or big endian mode through an external pin.
Additionally, the HOCI contains the interrupt signalling capability of the AT7911E by providing an
interrupt output, the interrupt status register and interrupt mask register to the local CPU.
A special pin is provided to select between control of the AT7911E by HOCI or by link. If control
by link is enabled, the host data bus functions as a 32-bit general purpose interface (GPIO).
4.4
Protocol Command Interface (PRCI)
The PRCI collects the decoded commands from all PPUs and forwards them to external circuitry
via 5 special pins.


Similar Part No. - AT7911E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7911E ATMEL-AT7911E_14 Datasheet
312Kb / 22P
   3 identical bidirectional SpaceWire links allowing
More results

Similar Description - AT7911E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
   Single SpaceWire link High Speed Controller
AT7911E ATMEL-AT7911E_14 Datasheet
312Kb / 22P
   3 identical bidirectional SpaceWire links allowing
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
AT7913E ATMEL-AT7913E Datasheet
420Kb / 18P
   SpaceWire-Remote Terminal Controller (RTC)
logo
FCI connector
58441-001LF FCI-CONNECTOR-58441-001LF Datasheet
287Kb / 4P
   EYEMAX짰 4X HIGH-SPEED SERIAL I/O LINKS
logo
ATMEL Corporation
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
logo
NXP Semiconductors
BAS16VV NXP-BAS16VV Datasheet
81Kb / 12P
   Triple high-speed switching diodes
Rev. 03 - 20 April 2007
logo
ON Semiconductor
MC10216 ONSEMI-MC10216_02 Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com