Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP3217BAX-HXXX Datasheet(PDF) 9 Page - FIDELIX

Part # FMP3217BAX-HXXX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BAX-HXXX Datasheet(HTML) 9 Page - FIDELIX

Back Button FMP3217BAX-HXXX Datasheet HTML 4Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 5Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 6Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 7Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 8Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 9Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 10Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 11Page - FIDELIX FMP3217BAX-HXXX Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FMP3217BAx
CMOS LPRAM
Revision 0.3
Feb. 2007
9
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with
asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write
ends at the earliest transition when /CS goes high and /WE goes high. The tWP is measured from the beginning of write to
the end of write.
2. tCW is measured from the /CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high.
5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
6. In case page address is over 3ns, write to the invalid address can occur.
PAGE WRITE CYCLE (Address controlled, /ZZ=VIH)
A4~A20
/CS
/UB, /LB
/WE
Data Out
tAS(3)
High-Z
Data Undefined
Data Valid
tDW
tOW
tWHZ
Data in
A0~A3
tWC
tPC
tPC
tPC
tPC
tPC
tPC
tPC
High-Z
tDH
Data Valid
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tDW
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
tMRC


Similar Part No. - FMP3217BAX-HXXX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-FXXX FIDELIX-FMP3217BA0-FXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-GXXX FIDELIX-FMP3217BA0-GXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H60E FIDELIX-FMP3217BA0-H60E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H70E FIDELIX-FMP3217BA0-H70E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3217BAX-HXXX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3216DAX FIDELIX-FMP3216DAX Datasheet
198Kb / 11P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com