Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T240FAS Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 4 Page - Texas Instruments

  PTH08T240FAS Datasheet HTML 1Page - Texas Instruments PTH08T240FAS Datasheet HTML 2Page - Texas Instruments PTH08T240FAS Datasheet HTML 3Page - Texas Instruments PTH08T240FAS Datasheet HTML 4Page - Texas Instruments PTH08T240FAS Datasheet HTML 5Page - Texas Instruments PTH08T240FAS Datasheet HTML 6Page - Texas Instruments PTH08T240FAS Datasheet HTML 7Page - Texas Instruments PTH08T240FAS Datasheet HTML 8Page - Texas Instruments PTH08T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ELECTRICAL CHARACTERISTICS
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
PTH08T240F
TA = 25°C, VI = 5 V, VO = 1.0 V, CI = 220 µF, CO = 1000 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T240F
UNIT
MIN
TYP
MAX
IO
Output current
Over VO range
25°C, natural convection
0
10
A
0.69V
≤ VO < 1.3V
4.5
14 (1)
VI
Input voltage range
Over IO range
V
1.3V
≤ VO ≤ 2.0
4.5
14
VOADJ
Output voltage adjust range
Over IO range
0.69
2.0
V
Set-point voltage tolerance
±0.5
±1 (2)
%VO
Temperature variation
–40°C < TA < 85°C
±0.3
%VO
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40°C
≤ TA ≤ 85°C
±1.5 (2)
%VO
RSET = 4.78 kΩ, VO = 1.8 V
90%
RSET = 7.09 kΩ, VO = 1.5 V
88%
η
Efficiency
IO = 10 A
RSET = 12.1 kΩ, VO = 1.2 V
87%
RSET = 20.8 kΩ, VO = 1.0 V
85%
VO Ripple (peak-to-peak)
20-MHz bandwidth
10 (1)
mVPP
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
Recovery time
500
µs
CO = 1000 µF, Type C
RTT=open
2.5 A/µs load step
ΔVtr
VO over/undershoot
25
mV
Transient response
0.5 A to 3.5 A step
ttrTT
Recovery time
800
µs
VO = 0.9 V
CO = 2000 µF, Type C
RTT=24.3=kΩ
ΔVtrTT
VO over/undershoot
14
mV
IIL
Track input current (pin 10)
Pin to GND
–130(3)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
4.3
4.45
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
3.7
4.2
V
(pin 11)
Hysteresis, RUVLO ≤ 52.3 kΩ
0.5
Input high voltage (VIH)
Open(4)
V
Inhibit control (pin 11)
Input low voltage (VIL)
-0.2
0.8
Input low current (IIL), Pin 11 to GND
-235
µA
Iin
Input standby current
Inhibit (pin 11) to GND, Track (pin 10) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
260
300
340
kHz
fSYNC
Synchronization frequency
240
400
kHz
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
nSec
Nonceramic
220 (5)
CI
External input capacitance
µF
Ceramic
22 (5)
Capacitance Value
Nonceramic
1000 (6)
10000
µF
CO
External output capacitance
Capacitance × ESR product (CO × ESR)
1000
10000
µF×m
MTBF
Reliability
Telcordia SR-332, 50% stress, TA= 40°C, ground benign
6.1
106 Hr
(1)
For output voltages less than 1.3 V, the ripple may increase (up to 2×) when operating at input voltages greater than (VO × 11). See the
SmartSync section and the TurboTrans section of the datasheet for additional information.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(3)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 10. The
open-circuit voltage is less than 8 Vdc.
(4)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. For additional information, see the related
application information section.
(5)
A 220 µF electrolytic input capacitor is required for proper operation. The electrolytic capacitor must be rated for a minimum of 500 mA
rms of ripple current. An additional 22-µF ceramic input capacitor is recommended to reduce rms ripple current.
(6)
1000 µF of external low-ESR output capacitance is required for basic operation. See the Capacitor Recommendation section and
TurboTrans Application Information section for more guidance.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F


Similar Part No. - PTH08T240FAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results

Similar Description - PTH08T240FAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240F TI-PTH04T240F_10 Datasheet
3Mb / 35P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240F TI-PTH04T240F Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com