Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP1617CAX-G60E Datasheet(PDF) 6 Page - FIDELIX

Part # FMP1617CAX-G60E
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CAX-G60E Datasheet(HTML) 6 Page - FIDELIX

Back Button FMP1617CAX-G60E Datasheet HTML 2Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 3Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 4Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 5Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 6Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 7Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 8Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 9Page - FIDELIX FMP1617CAX-G60E Datasheet HTML 10Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FMP1617CAx
CMOS LPRAM
Revision 0.1
Jun. 2006
6
Power Up Sequence
1. Apply Power
2. Maintain stable power for a minimum of 200us with /CS=VIH
Standby Mode State machines
Standby Mode Characteristics
0
70 (ISB0a)
¼ valid
0
80 (ISB0b)
½ valid
200
10 (ISB0)
Invalid
Low Power Modes
0
100 (ISB0c)
valid
0
100 (ISB1)
Valid
Standby
Mode
Memory Cell Data
Wait Time(us)
Standby Current(uA)
Initial State
Standby Mode
Active
Mode
Low Power
Modes 1
(16M/8M/4M bits)
Power On
/CS=VIL
/ZZ=VIH
/CS=VIH
(or/and /UB=/LB=VIH)
/ZZ=VIH
/CS=VIH
/CS=VIH, /ZZ=VIL
/CS=VIL, /ZZ=VIH
/UB or/and /LB=VIL
Low Power
Modes 2
(Data Invalid)
Wait 200us
/CS=VIH, /ZZ=VIL
/CS=VIH, /ZZ=VIL
/CS=VIH
/ZZ=VIL
/CS=VIL
/ZZ=VIH
/CS=VIH, /ZZ=VIH


Similar Part No. - FMP1617CAX-G60E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-FXXX FIDELIX-FMP1617CA0-FXXX Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-G60E FIDELIX-FMP1617CA0-G60E Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-G70E FIDELIX-FMP1617CA0-G70E Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-GXXX FIDELIX-FMP1617CA0-GXXX Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP1617CAX-G60E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
Samsung semiconductor
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
   1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com